Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL66X-XXQCL-R Datasheet(PDF) 12 Page - PhaseLink Corporation

Part # PL66X-XXQCL-R
Description  Analog Frequency Multiplier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL66X-XXQCL-R Datasheet(HTML) 12 Page - PhaseLink Corporation

Back Button PL66X-XXQCL-R Datasheet HTML 7Page - PhaseLink Corporation PL66X-XXQCL-R Datasheet HTML 8Page - PhaseLink Corporation PL66X-XXQCL-R Datasheet HTML 9Page - PhaseLink Corporation PL66X-XXQCL-R Datasheet HTML 10Page - PhaseLink Corporation PL66X-XXQCL-R Datasheet HTML 11Page - PhaseLink Corporation PL66X-XXQCL-R Datasheet HTML 12Page - PhaseLink Corporation PL66X-XXQCL-R Datasheet HTML 13Page - PhaseLink Corporation PL66X-XXQCL-R Datasheet HTML 14Page - PhaseLink Corporation PL66X-XXQCL-R Datasheet HTML 15Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Analog Frequency Multiplier
PL660 and PL663 XO Families
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990, FAX (510) 492-0991
www.phaselink.com
Rev. 3/20/07 Page 12
BOARD DESIGN AND LAYOUT CONSIDERATIONS
L2X and L4X: Reduce the PCB trace inductance to a
minimum by placing L2X and L4X as physically close to
their respective pins as possible. Also be sure to bypass
each VDD connection especially taking care to place a 0.01
uF bypass at the VDD side of L2X and L4X (see
recommended layout).
Crystal Connections: Be sure to keep the ground plane
under the crystal connections continuous so that the stray
capacitace is consistent on both crystal connections. Also
be sure to keep the crystal connections symmetrical with
respect to one another and the crystal connection pins of
the IC. If you chose to use a series capacitance and/or
inductor to fine tune the crystal frequency, be sure to put
symmetrical pads for this cap on both crystal pins (see
Cadj in recommended layout), even if one of the capacitors
will be a 0.01 uF and the other is used to tune the
frequency. To further maintain a symmetrical balance on a
crystal that may have more internal Cstray on one pin or
the other, place capacitor pads (Cbal) on each crystal lead
to ground (see recommended layout). R3rd is only
required if a 3rd overtone crystal is used.
VDD and GND: Bypass VDDANA and VDDBUF with
separate bypass capacitors and if a VDD plane is used, feed
each bypass cap with its own via. Be sure to connect any
ground pin including the bypass caps with short via
connection to the ground plane.
OESEL: J1 is recommended so the same PCB layout can
be used for both OESEL settings.
PL660 (4x AFM) TSSOP Layout
PL663 (2x AFM) TSSOP Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com