Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL66X-XXQCL-R Datasheet(PDF) 9 Page - PhaseLink Corporation

Part # PL66X-XXQCL-R
Description  Analog Frequency Multiplier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL66X-XXQCL-R Datasheet(HTML) 9 Page - PhaseLink Corporation

Back Button PL66X-XXQCL-R Datasheet HTML 5Page - PhaseLink Corporation PL66X-XXQCL-R Datasheet HTML 6Page - PhaseLink Corporation PL66X-XXQCL-R Datasheet HTML 7Page - PhaseLink Corporation PL66X-XXQCL-R Datasheet HTML 8Page - PhaseLink Corporation PL66X-XXQCL-R Datasheet HTML 9Page - PhaseLink Corporation PL66X-XXQCL-R Datasheet HTML 10Page - PhaseLink Corporation PL66X-XXQCL-R Datasheet HTML 11Page - PhaseLink Corporation PL66X-XXQCL-R Datasheet HTML 12Page - PhaseLink Corporation PL66X-XXQCL-R Datasheet HTML 13Page - PhaseLink Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Analog Frequency Multiplier
PL660 and PL663 XO Families
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990, FAX (510) 492-0991
www.phaselink.com
Rev. 3/20/07 Page 9
ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage
VDD
4.6
V
Input Voltage, DC
VI
GND-0.5
VDD+0.5
V
Output Voltage, DC
VO
GND-0.5
VDD+0.5
V
Storage Temperature
TS
-55
+150
°C
Industrial Ambient Operating Temperature
TA_I
-40
+85
°C
Commercial Ambient Operating Temperature
TA_C
0
+70
°C
Junction Temperature
TJ
125
°C
Lead Temperature (soldering, 10s)
260
°C
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the
device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other
conditions above the operational limits noted in this specification is not implied.
PECL ELECTRICAL CHARACTERISTICS
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Current (with loaded outputs)
IDD
Fout = 212.5 MHz
58
65
75
mA
Operating Supply Voltage
VDD
2.25
3.63
V
Output Clock Duty Cycle
@ VDD – 1.3V
45
50
55
%
Short Circuit Current
±50
mA
Output High Voltage
VOH
RL = 50
to
VDD – 2V
VDD – 1.025
V
Output Low Voltage
VOL
RL = 50
to VDD – 2V
VDD –
1.620
V
Clock Rise Time
tr
@20/80%
0.25
0.45
ns
Clock Fall Time
tf
@80/20%
0.25
0.45
ns
PECL Transistion Time Waveform
OUT
OUT
20%
80%
tR
tF
DUTY CYCLE
45 - 55%
55 - 45%
OUT
OUT
50Ω
50Ω
PECL Levels Test Circuit
VDD
2.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com