Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1264CSW Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1264CSW
Description  High Speed, Quad Universal Filter Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1264CSW Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1264CSW Datasheet HTML 3Page - Linear Technology LTC1264CSW Datasheet HTML 4Page - Linear Technology LTC1264CSW Datasheet HTML 5Page - Linear Technology LTC1264CSW Datasheet HTML 6Page - Linear Technology LTC1264CSW Datasheet HTML 7Page - Linear Technology LTC1264CSW Datasheet HTML 8Page - Linear Technology LTC1264CSW Datasheet HTML 9Page - Linear Technology LTC1264CSW Datasheet HTML 10Page - Linear Technology LTC1264CSW Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LTC1264
1264fb
ODES OF OPERATIO
optimum mode for high Q designs with fCLK to fCUTOFF (or
fCENTER) ratios greater than 20:1.
Please refer to the Maximum Frequency of Operation
paragraph under Applications Information for a guide to
the use of capacitor CC.
–
+
Σ
∫
∫
AGND
R1
N
BP
LP
VIN
1264 F04
+
–
S
1/4 LTC1264
R2
R3
CC
fi =
; fO = fi; fn = fO
Q =
; HON = –
; HOBP = –
HOLP = HON
R2
R1
R3
R1
R3
R2
fCLK
20
Figure 4. Mode 1, 2nd Order Filter Providing Notch,
Bandpass and Lowpass Outputs
–
+
Σ
∫
∫
AGND
R1
N
BP
LP
VIN
1264 F05
+
–
S
NOTE: R5
≤ 5k
R2
R3
CC
R5
R6
fi =
; fO = fi
; fn = fO
Q =
; HON = –
; HOBP = –
HOLP = –
R2
R1
R3
R1
R3
R2
fCLK
20
√ R6
(R6 + R5)
R2
R1
R6 + R5
R6
1/4 LTC1264
√ R6
(R6 + R5)
()
Figure 5. Mode 1b, 2nd Order Filter Providing Notch,
Bandpass and Lowpass Outputs
Mode 3
In Mode 3, the ratio of the external clock frequency to the
center frequency of each 2nd order section can be
adjusted above or below 20:1. Figure 6 illustrates Mode 3,
the classical state variable configuration, providing high-
pass, bandpass, and lowpass 2nd order filter functions.
Mode 3 is slower than Mode 1. Mode 3 can be used to
make high order all-pole bandpass, lowpass, and high-
pass filters.
Please refer to the Maximum Frequency of Operation
paragraph under Applications Information for a guide to
the use of capacitor CC.
Mode 2
Mode 2 is a combination of Mode 1 and Mode 3, shown in
Figure 7. With Mode 2, the clock-to-center frequency ratio,
fCLK/fO, is always less than 20:1. The advantage of Mode
2 is that it provides less sensitivity to resistor tolerances
than does Mode 3. As in Mode 1, Mode 2 has a notch
output which depends on the clock frequency, and the
notch frequency is therefore less than the center fre-
quency, fO.
Please refer to the Maximum Frequency of Operation
paragraph under Applications Information for a guide to
the use of capacitor CC.
–
+
Σ
∫
∫
AGND
R1
HP
BP
LP
VIN
1264 F06
+
–
S
1/4 LTC1264
R2
R3
CC
R4
fi =
; fO = fi
; Q = 1.005
fCLK
20
R3
R2
√R2
R4
R3
6.42•R4
(
)
1
1 –
( )
√R2
R4
HOHP = –
; HOBP = –
;
R2
R1
R3
R1
R3
6.42•R4
(
)
1
1 –
R4
R1
HOLP = –
Figure 6. Mode 3, 2nd Order Section Providing
Highpass, Bandpass and Lowpass Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com