Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1264CSW Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1264CSW
Description  High Speed, Quad Universal Filter Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1264CSW Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1264CSW Datasheet HTML 7Page - Linear Technology LTC1264CSW Datasheet HTML 8Page - Linear Technology LTC1264CSW Datasheet HTML 9Page - Linear Technology LTC1264CSW Datasheet HTML 10Page - Linear Technology LTC1264CSW Datasheet HTML 11Page - Linear Technology LTC1264CSW Datasheet HTML 12Page - Linear Technology LTC1264CSW Datasheet HTML 13Page - Linear Technology LTC1264CSW Datasheet HTML 14Page - Linear Technology LTC1264CSW Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LTC1264
1264fb
S
APPLICATI
I FOR ATIO
For example, for an LTC1264 bandpass filter with fCENTER
= 100kHz and fCLK = 2MHz, a 3.9MHz, 10mV input will
produce a 100kHz, 10mV output. A 1st or 2nd order
prefilter will reduce aliasing to acceptable levels in most
cases.
A GUIDE TO BANDPASS DESIGN
Filter design tools like FCAD require design specification
inputs such as passband ripple, attenuation, passband
width and stopband width in order to calculate filter
parameters fO, Q, fn or poles and zeroes. The results of
these filter approximations most often require Q values
which make excessive demands on the gain-bandwidth
products of active filter realizations. The active filter de-
signer should define a gain response so that the filter’s
mathematical approximation has practical requirements.
Table 4 is a guide to practical design specifications for
realizing bandpass filters with LTC1264 (please also refer
to the Typical Maximum Q vs Clock Frequency and Band-
pass Gain Error graphs under Typical Performance Char-
acteristics).
A Bandpass Design Example
Filter Type:
Bandpass
Filter Response:
Butterworth
Passband Ripple:
3dB
Attenuation:
60dB
Center Frequency:
40kHz (fCENTER)
Passband Width:
10kHz
Stopband Width:
60kHz
Implementing the Bandpass Design
With the LTC1264 in Mode 1b, Butterworth and Chebyshev
bandpass designs with fCLK to fCENTER ratios greater than
20:1 are possible.
First choose the clock frequency which in Mode 1b must
be greater than 20 times the bandpass center frequency of
40kHz. For this example, let’s choose fCLK to be 1MHz.
Table 6 lists the resistors for for the bandpass design
example and Figure 11 shows the complete circuit.
Table 4. Bandpass Design Specifications (fCENTER is center
frequency of passband.)
PASSBAND
PASSBAND
STOPBAND
ATTENU-
RIPPLE
WIDTH
WIDTH
ATION
(dB)
(Hz)
(Hz)
(dB)
≤ 3dB for Butterworth
≥ fCENTER/20
≥ 5 × Passband –40 to –60
≤0.1 for Chebyshev
≥ fCENTER/20
≥ 5 × Passband –40 to –60
Note: Reducing passband ripple or attenuation will decrease Q values. The
filter order may also increase.
Table 5. Calculated Filter Parameters
STAGE
fO
Q
1
38.1201kHz
4.3346
2
41.9726kHz
4.3346
3
35.6418kHz
10.5221
4
44.8911kHz
10.5221
Table 6. Calculated Mode 1b Resistors to Nearest 1% Value
Using Table 5 Filter Parameters and Figure 10 Equations
STAGE
R1
R2
R3
R5
R6
1
52.3k
10k
56.2k
5k
6.98k
2
47.5k
10k
51.1k
5k
11.8k
3
56.2k
10k
147k
5k
5.11k
4
44.2k
10k
118k
5k
20.5k
Figure 10. Equations for Resistors in Mode 1b Operation
R2 = 10k
R5 = 5k
fi =
R1 =
(FOR BANDPASS)
R6 =
HOBP =
+ 1
R3 =
R3
HOBP
R5•fO
2
fi
2
– fO
2
()
√ ()
Q
2
fO
fCENTER
–
fCENTER
fO
() 2
R2•Q
R6
R6 + 5
()
√
1264 F10
fCLK
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com