Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1264CSW Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1264CSW
Description  High Speed, Quad Universal Filter Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1264CSW Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1264CSW Datasheet HTML 2Page - Linear Technology LTC1264CSW Datasheet HTML 3Page - Linear Technology LTC1264CSW Datasheet HTML 4Page - Linear Technology LTC1264CSW Datasheet HTML 5Page - Linear Technology LTC1264CSW Datasheet HTML 6Page - Linear Technology LTC1264CSW Datasheet HTML 7Page - Linear Technology LTC1264CSW Datasheet HTML 8Page - Linear Technology LTC1264CSW Datasheet HTML 9Page - Linear Technology LTC1264CSW Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC1264
1264fb
PI FU CTIO S
CLK (Pin 18): Clock Input Pin. Any TTL or CMOS clock
source with a square wave output and 50% duty cycle
(
±10%) is an adequate clock source for the device. The
power supply for the clock source should not be the filter’s
power supply. The analog ground for the filter should be
connected to clock’s ground at a single point only. Table
1 shows the clock’s low and high level threshold values for
a dual or single supply operation.
Table 1. Clock Source High and Low Threshold Levels
POWER SUPPLY
HIGH LEVEL
LOW LEVEL
Dual Supply =
±7.5V
≥ 2.18V
≤ 0.5V
Dual Supply =
±5V
≥ 1.45V
≤ 0.5V
Dual Supply =
±2.5V
≥ 0.73V
≤ –2.0V
Single Supply = 12V
≥ 7.80V
≤ 6.5V
Single Supply = 5V
≥ 1.45V
≤ 0.5V
A pulse generator can be used as a clock source provided
the high level on-time is greater than 0.2
µs.Sinewavesare
not recommended for clock input frequencies less than
100kHz, since excessively slow clock rise or fall times
generate internal clock jitter (maximum clock rise or fall
time
≤1µs). The clock signal should be routed from the
right side of the IC package and perpendicular to it to avoid
coupling to any input or output analog signal path. A 200
Ω
resistor between clock source and Pin 11 will slow down
the rise and fall times of the clock to further reduce charge
coupling (Figures 1 and 2).
HPB/NB, BPB, LPB, LPA, BPA, HPA, HPD, BPD, LPD,
LPC, BPC, HPC/NC (Pins 2, 3, 4, 9, 10, 11, 14, 15, 16,
21, 22, 23): Output Pins. Each 2nd order section of the
LTC1264 has three outputs which typically source 3mA
and sink 1mA. Driving coaxial cables or resistive loads less
than 20k will degrade the total harmonic distortion perfor-
mance of any filter design. When evaluating the distortion
or noise performance of a particular filter design imple-
mented with an LTC1264, the final output of the filter
should be buffered with a wideband noninverting high
slew rate amplifier (Figure 3).
Figure 3. Wideband Buffer
–
+
LT1224
5k
1264 F03
INV B, INV A, INV D, INV C (Pins 1, 12, 13, 24): Inverting
Input Pins. These pins are the high impedance inverting
inputs of internal op amps and they are susceptible to stray
capacitive connections to low impedance signal outputs
and power supply lines.
SB, SA, SD, SC (Pins 5, 8, 17, 20): Summing Input Pins.
The summing pins connections determine the circuit
topology (mode) of each 2nd order section. Please refer to
Modes of Operation.
Please refer to the Maximum Frequency of Operation
paragraph under Applications Information for a guide to
the use of capacitor CC.
Mode 1b
Mode 1b is derived from Mode 1. In Mode 1b (Figure 5) two
additional resistors R5 and R6 are added to alternate the
amount of voltage fed back from the lowpass output into
the input of the SA (SB, SC or SD) switched-capacitor
summer. This allows the filter’s clock-to-center frequency
ratio to be adjusted beyond 20:1. Mode 1b maintains the
speed advantages of Mode 1 and should be considered an
ODES OF OPERATIO
For the definition of filter functions please refer to the
LTC1060 data sheet.
Mode 1
In Mode 1, the ratio of the external clock frequency to the
center frequency of each 2nd order section is internally
fixed at 20:1. Figure 4 illustrates Mode 1 providing 2nd
order notch, lowpass, and bandpass outputs. Mode 1 can
be used to make high order Butterworth lowpass filters; it
can also be used to make low Q notches and for cascading
2nd order bandpass functions tuned at the same center
frequency. Mode 1 is faster than Mode 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com