Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1264CSW Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1264CSW
Description  High Speed, Quad Universal Filter Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1264CSW Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1264CSW Datasheet HTML 8Page - Linear Technology LTC1264CSW Datasheet HTML 9Page - Linear Technology LTC1264CSW Datasheet HTML 10Page - Linear Technology LTC1264CSW Datasheet HTML 11Page - Linear Technology LTC1264CSW Datasheet HTML 12Page - Linear Technology LTC1264CSW Datasheet HTML 13Page - Linear Technology LTC1264CSW Datasheet HTML 14Page - Linear Technology LTC1264CSW Datasheet HTML 15Page - Linear Technology LTC1264CSW Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LTC1264
1264fb
S
APPLICATI
TYPICAL
Clock-Tunable, 8th Order Elliptic Lowpass Filter, fCLK/fCUTOFF = 20:1
Gain vs Frequency
100kHz, 8th Order Notch Filter, fCLK/fCENTER = 20:1
FREQUENCY (Hz)
10k
10
0
–10
–20
–30
–40
–50
–60
–70
–80
100k
1M
1264 TA06b
VS = ±7.5V
fCLK = 2MHz
FREQUENCY (Hz)
10k
0
–10
–20
–30
–40
–50
–60
–70
–80
100k
1M
1264 TA03b
VS = ±7.5V
fCLK = 2MHz
Gain vs Frequency
R2
R1
IN
1264 TA06a
OUT
INV B
HPB/NB
BPB
LPB
SB
AGND
V+
SA
LPA
BPA
HPA/NA
INV A
INV C
HPC/NC
BPC
LPC
SC
V–
CLK
SD
LPD
BPD
HPD/ND
INV D
R3
R1
R2
R3
R1
LTC1264
0.1
µF
0.1
µF
7.5V
–7.5V
fCLK
2MHz
C
R2
R3
R2
R3
C
R1
B
1
36.5k
10k
50k
C
1
3.92k
10k
27.4k
30pF
A
1
7.5k
10k
50k
D
1
9.09k
10k
50k
30pF
LTC1264 SIDE
MODE
R1
R2
R3
C
1264 TA03a
POWER SUPPLY
±7.5V
±5V
SINGLE 5V
MAXIMUM fCLK
3.6MHz (C = 10pF)
2.0MHz (C = 10pF)
1.6MHz (C = 10pF)
R2
RH
IN
OUT
INV B
HPB/NB
BPB
LPB
SB
AGND
V+
SA
LPA
BPA
HPA/NA
INV A
INV C
HPC/NC
BPC
LPC
SC
V–
CLK
SD
LPD
BPD
HPD/ND
INV D
R3
R2
R4
R1
LTC1264
7.5V
0.1
µF
–7.5V
RL
R4
RH
RL
R3
C
R2
R3
R4
C
0.1
µF
fCLK
2MHz
R4
R3
R2
RH
RL
LTC1264 SIDE
MODE
R1
R2
R3
R4
RH
RL
C
B
3a
27.4k
23.7k
20k
28k
137k
27.4k
C
2n
20k
37.4k
100k
100k
31.6k
3pF
A
2n
20k
37.4k
100k
130k
24.3k
3pF
D
3
29.4k
19.1k
48.7k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com