Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLMVC-FKA Datasheet(PDF) 3 Page - Cree LED

Part # CLMVC-FKA
Description  CLMVC-FKA: PLCC4 3 in 1 SMD LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

CLMVC-FKA Datasheet(HTML) 3 Page - Cree LED

  CLMVC-FKA Datasheet HTML 1Page - Cree LED CLMVC-FKA Datasheet HTML 2Page - Cree LED CLMVC-FKA Datasheet HTML 3Page - Cree LED CLMVC-FKA Datasheet HTML 4Page - Cree LED CLMVC-FKA Datasheet HTML 5Page - Cree LED CLMVC-FKA Datasheet HTML 6Page - Cree LED CLMVC-FKA Datasheet HTML 7Page - Cree LED CLMVC-FKA Datasheet HTML 8Page - Cree LED CLMVC-FKA Datasheet HTML 9Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CLMVC-FKA: PLCC4 3 IN 1 SMD LED
© 2021-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo and the Cree LED logo are registered
trademarks of Cree LED.
CLD-CT1273
REV 14
3
INTENSITY BIN LIMIT
Red (5 mA)
Green (5 mA)
Blue (5 mA)
Bin Code
Min.(mcd)
Max.(mcd)
Bin Code
Min.(mcd)
Max.(mcd)
Bin Code
Min.(mcd)
Max.(mcd)
L
56
71
D
140
180
L7
28
36
3c3b
64
81
9a
160
202
3j3h
32
41
A
71
90
E
180
224
L8
36
45
3a4
81
101
bc
202
252
3g3f
41
51
B
90
112
F
224
280
L9
45
56
de
252
318
3e3d
51
64
G
280
355
L
56
71
*
Tolerance of measurement of luminous intensity is ±10%.
COLOR BIN LIMIT
Red (5 mA)
Green (5 mA)
Blue (5 mA)
Bin Code
Min.(nm)
Max.(nm)
Bin Code
Min.(nm)
Max.(nm)
Bin Code
Min.(nm)
Max.(nm)
RB
619
624
G7
520
525
B3
460
465
G23
522.5
527.5
B23
462.5
467.5
G8
525
530
B4
465
470
G45
527.5
532.5
B45
467.5
472.5
G9
530
535
B5
470
475
*
Tolerance of measurement of dominant wavelength is ±1 nm.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com