Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLMVC-FKA Datasheet(PDF) 4 Page - Cree LED

Part # CLMVC-FKA
Description  CLMVC-FKA: PLCC4 3 in 1 SMD LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

CLMVC-FKA Datasheet(HTML) 4 Page - Cree LED

  CLMVC-FKA Datasheet HTML 1Page - Cree LED CLMVC-FKA Datasheet HTML 2Page - Cree LED CLMVC-FKA Datasheet HTML 3Page - Cree LED CLMVC-FKA Datasheet HTML 4Page - Cree LED CLMVC-FKA Datasheet HTML 5Page - Cree LED CLMVC-FKA Datasheet HTML 6Page - Cree LED CLMVC-FKA Datasheet HTML 7Page - Cree LED CLMVC-FKA Datasheet HTML 8Page - Cree LED CLMVC-FKA Datasheet HTML 9Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CLMVC-FKA: PLCC4 3 IN 1 SMD LED
© 2021-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo and the Cree LED logo are registered
trademarks of Cree LED.
CLD-CT1273
REV 14
4
ORDER CODE TABLE
Kit Number
Color
Luminous Intensity (mcd)
Dominant Wavelength (nm)
Package
Min.
Max.
Color
Bin
Min.(nm)
Color
Bin
Max.
(nm)
CLMVC-FKA-CLBDGL7LBB79353
Red
56
112
RB
619
RB
624
Reel
Green
140
355
G7
520
G9
535
Reel
Blue
28
71
B3
460
B5
475
Reel
CLMVC-FKA-CL1D1L71BB7C3C3
Red
Any 1 Intensity bin from
L(56) - B(112)
RB
619
RB
624
Reel
Green
Any 1 Intensity bin from
D(140) - G(355)
Any 1 hue bin from G7(520)-G9(535)
Reel
Blue
Any 1 Intensity bin from
L7(28) - L(71)
Any 1 hue bin from B3(460)-B5(475)
Reel
CLMVC-FKA-CA1E1L81BB7C3C3
Red
Any 1 Intensity bin from
A(71) - B(112)
RB
619
RB
624
Reel
Green
Any 1 Intensity bin from
E(180) - G(355)
Any 1 hue bin from G7(520)-G9(535)
Reel
Blue
Any 1 Intensity bin from
L8(36) - L(71)
Any 1 hue bin from B3(460)-B5(475)
Reel
Notes:
•
The above kit numbers represent order codes that include multiple intensity-bin and color-bin codes. Only one intensity-bin code and one color-bin
code will be shipped on each bulk. Single intensity-bin code and single color-bin codes will not be orderable.
•
Please refer to the HB LED Lamp Reliability Test Standards document for reliability test conditions.
•
Please refer to the HB LED Lamp Soldering & Handling document for information about how to use this LED product safely.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com