Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLMVC-FKA Datasheet(PDF) 10 Page - Cree LED

Part # CLMVC-FKA
Description  CLMVC-FKA: PLCC4 3 in 1 SMD LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

CLMVC-FKA Datasheet(HTML) 10 Page - Cree LED

Back Button CLMVC-FKA Datasheet HTML 2Page - Cree LED CLMVC-FKA Datasheet HTML 3Page - Cree LED CLMVC-FKA Datasheet HTML 4Page - Cree LED CLMVC-FKA Datasheet HTML 5Page - Cree LED CLMVC-FKA Datasheet HTML 6Page - Cree LED CLMVC-FKA Datasheet HTML 7Page - Cree LED CLMVC-FKA Datasheet HTML 8Page - Cree LED CLMVC-FKA Datasheet HTML 9Page - Cree LED CLMVC-FKA Datasheet HTML 10Page - Cree LED  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
CLMVC-FKA: PLCC4 3 IN 1 SMD LED
© 2021-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo and the Cree LED logo are registered
trademarks of Cree LED.
CLD-CT1273
REV 14
10
PACKAGING
•
The boxes are not water resistant and they must be kept away from water and moisture.
•
The LEDs are packed in cardboard boxes after packaging in normal or anti-electrostatic bags.
•
Cardboard boxes will be used to protect the LEDs from mechanical shocks during transportation.
•
The reel pack is applied in SMD LED.
•
Max 12800 pcs per reel.
 
  

  



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com