Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLMVC-FKA Datasheet(PDF) 1 Page - Cree LED

Part # CLMVC-FKA
Description  CLMVC-FKA: PLCC4 3 in 1 SMD LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

CLMVC-FKA Datasheet(HTML) 1 Page - Cree LED

  CLMVC-FKA Datasheet HTML 1Page - Cree LED CLMVC-FKA Datasheet HTML 2Page - Cree LED CLMVC-FKA Datasheet HTML 3Page - Cree LED CLMVC-FKA Datasheet HTML 4Page - Cree LED CLMVC-FKA Datasheet HTML 5Page - Cree LED CLMVC-FKA Datasheet HTML 6Page - Cree LED CLMVC-FKA Datasheet HTML 7Page - Cree LED CLMVC-FKA Datasheet HTML 8Page - Cree LED CLMVC-FKA Datasheet HTML 9Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PRODUCT FAMILY DATA SHEET
Cree LED / 4001 E. Hwy. 54, Suite 2000 / Durham, NC 27709 USA / +1.919.313.5330 / www.cree-led.com
© 2021-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo and the Cree LED logo are registered
trademarks of Cree LED.
CLD-CT1273
REV 14
1
CLMVC-FKA: PLCC4 3 in 1 SMD LED
PRODUCT DESCRIPTION
The CLMVC-FKA full-color RGB LED offers
a high-intensity light output and a wide
viewing angle. The compact 2mm x 2mm
package allows for a very high resolution
screen and is designed to work in a wide
array of environmental conditions. Cree
LED PLCC full-color RGB LEDs are suited
for indoor video screen,decorative lighting
and amusement applications.
FEATURES
• Size (mm): 2.0 x 2.0
• Dominant Wavelength
Red (619 - 624nm)
Green (520 - 535nm)
Blue (460 - 475nm)
• Luminous Intensity (mcd)
Red (56 - 112)@ 5mA
Green (140 - 355)@ 5mA
Blue (28 - 71)@ 5mA
• Lead-Free
• RoHS Compliant
• Matte Surface
APPLICATIONS
• Full-Color Video Screen
• Decorative Lighting
• Amusement


Similar Part No. - CLMVC-FKA

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLMVC-FKA CREE-CLMVC-FKA Datasheet
1Mb / 10P
PLCC4 3 in 1 RGB SMD LED
CLMVC-FKA-CA1E1L81BB7C3C3 CREE-CLMVC-FKA-CA1E1L81BB7C3C3 Datasheet
1Mb / 10P
PLCC4 3 in 1 RGB SMD LED
CLMVC-FKA-CL1D1L71BB7C3C3 CREE-CLMVC-FKA-CL1D1L71BB7C3C3 Datasheet
1Mb / 10P
PLCC4 3 in 1 RGB SMD LED
CLMVC-FKA-CLBDGL7LBB79353 CREE-CLMVC-FKA-CLBDGL7LBB79353 Datasheet
1Mb / 10P
PLCC4 3 in 1 RGB SMD LED
More results

Similar Description - CLMVC-FKA

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLV1A-FKB CREE-CLV1A-FKB Datasheet
527Kb / 9P
PLCC4 3 in 1 SMD LED
logo
Marktech Corporate
CLV1A MARKTECH-CLV1A Datasheet
527Kb / 9P
PLCC4 3 in 1 SMD LED
CLVBA MARKTECH-CLVBA Datasheet
1,000Kb / 10P
PLCC4 3 in 1 SMD LED
CLV1A MARKTECH-CLV1A_15 Datasheet
527Kb / 9P
PLCC4 3 in 1 SMD LED
CLVBA MARKTECH-CLVBA_15 Datasheet
1,000Kb / 10P
PLCC4 3 in 1 SMD LED
logo
Cree, Inc
CLVBAFKA CREE-CLVBAFKA Datasheet
973Kb / 10P
Cree PLCC4 3-in-1 SMD LED
CLV1L-FKB CREE-CLV1L-FKB Datasheet
930Kb / 9P
Cree PLCC4 3 in 1 SMD LED
CLMUC-FKA CREE-CLMUC-FKA Datasheet
1Mb / 10P
PLCC4 3 in 1 RGB SMD LED
CLMVB-FKA CREE-CLMVB-FKA Datasheet
934Kb / 10P
PLCC4 3 in 1 RGB SMD LED
CLMXB-FKA CREE-CLMXB-FKA Datasheet
1Mb / 11P
Cree짰 PLCC4 3 in 1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com