Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1521 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA1521
Description  2 x 12 W hi-fi audio power amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1521 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA1521 Datasheet HTML 6Page - NXP Semiconductors TDA1521 Datasheet HTML 7Page - NXP Semiconductors TDA1521 Datasheet HTML 8Page - NXP Semiconductors TDA1521 Datasheet HTML 9Page - NXP Semiconductors TDA1521 Datasheet HTML 10Page - NXP Semiconductors TDA1521 Datasheet HTML 11Page - NXP Semiconductors TDA1521 Datasheet HTML 12Page - NXP Semiconductors TDA1521 Datasheet HTML 13Page - NXP Semiconductors TDA1521 Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
July 1994
13
Philips Semiconductors
Product specification
2 x 12 W hi-fi audio power amplifier
TDA1521
TDA1521Q
UNIT
A
A
e 1
2
bp
cD(1)
E(1)
Z (1)
de
Dh
LL3
m
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
17.0
15.5
4.6
4.2
0.75
0.60
0.48
0.38
24.0
23.6
20.0
19.6
10
5.08
12.2
11.8
2.54
e 2
5.08
2.4
1.6
Eh
6
2.00
1.45
0.8
3.4
3.1
4.3
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
12.4
11.0
SOT157-2
0
5
10 mm
scale
v
2.1
1.8
Q
j
0.25
w
0.03
x
D
L
E
A
c
A2
L 3
Q
w M
b p
1
d
D
Z
e
e
x
h
19
j
Eh
non-concave
92-10-12
95-03-11
DBS9P: plastic DIL-bent-SIL power package; 9 leads (lead length 12 mm)
SOT157-2
B
view B: mounting base side
m
2
e
v M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com