Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1521 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA1521
Description  2 x 12 W hi-fi audio power amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1521 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA1521 Datasheet HTML 1Page - NXP Semiconductors TDA1521 Datasheet HTML 2Page - NXP Semiconductors TDA1521 Datasheet HTML 3Page - NXP Semiconductors TDA1521 Datasheet HTML 4Page - NXP Semiconductors TDA1521 Datasheet HTML 5Page - NXP Semiconductors TDA1521 Datasheet HTML 6Page - NXP Semiconductors TDA1521 Datasheet HTML 7Page - NXP Semiconductors TDA1521 Datasheet HTML 8Page - NXP Semiconductors TDA1521 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
July 1994
2
Philips Semiconductors
Product specification
2 x 12 W hi-fi audio power amplifier
TDA1521
TDA1521Q
GENERAL DESCRIPTION
The TDA1521/TDA1521Q is a dual hi-fi audio power amplifier encapsulated in a 9-lead plastic power package.
The device is especially designed for mains fed applications (e.g. stereo tv sound and stereo radio).
Features
• Requires very few external components
• Input muted during power-on and off
(no switch-on or switch-off clicks)
• Low offset voltage between output and ground
• Excellent gain balance between channels
• Hi-fi according to IEC 268 and DIN 45500
• Short-circuit-proof
• Thermally protected
QUICK REFERENCE DATA
PACKAGE OUTLINES
TDA1521: 9 leads in-line; plastic power (SOT131); SOT131-1; 1996 August 20.
TDA1521Q: 9 leads SIL-bent-to-DIL; plastic power (SOT157); SOT157-2; 1996 August 20.
Stereo applications
Supply voltage range
VP
± 7,5 to ± 21,0 V
Output power at THD = 0,5%,
VP = ± 16 V
PO
typ.
12
W
Voltage gain
Gv
typ.
30
dB
Gain balance between channels
∆G
v
typ.
0,2
dB
Ripple rejection
SVRR
typ.
60
dB
Channel separation
α
typ.
70
dB
Noise output voltage
Vno(rms)
typ.
70
µV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com