Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1521 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA1521
Description  2 x 12 W hi-fi audio power amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1521 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA1521 Datasheet HTML 1Page - NXP Semiconductors TDA1521 Datasheet HTML 2Page - NXP Semiconductors TDA1521 Datasheet HTML 3Page - NXP Semiconductors TDA1521 Datasheet HTML 4Page - NXP Semiconductors TDA1521 Datasheet HTML 5Page - NXP Semiconductors TDA1521 Datasheet HTML 6Page - NXP Semiconductors TDA1521 Datasheet HTML 7Page - NXP Semiconductors TDA1521 Datasheet HTML 8Page - NXP Semiconductors TDA1521 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
July 1994
4
Philips Semiconductors
Product specification
2 x 12 W hi-fi audio power amplifier
TDA1521
TDA1521Q
FUNCTIONAL DESCRIPTION
This hi-fi stereo power amplifier is designed for mains fed applications. The circuit is designed for both symmetrical and
asymmetrical power supply systems. An output power of 2
× 12 watts (THD = 0,5%) can be delivered into an 8 Ω load
with a symmetrical power supply of
± 16 V.
The gain is fixed internally at 30 dB. Internal gain fixing gives low gain spread and very good balance between the
amplifiers (0,2 dB).
A special feature of this device is a mute circuit which suppresses unwanted input signals during switching on and off.
Referring to Fig.13, the 100
µF capacitor creates a time delay when the voltage at pin 3 is lower than an internally fixed
reference voltage. During the delay the amplifiers remain in their DC operating mode but are isolated from the
non-inverting inputs on pins 1 and 9.
Two thermal protection circuits are provided, one monitors the average junction temperature and the other the
instantaneous temperature of the power transistors. Both protection circuits activate at 150
°C allowing safe operation to
a maximum junction temperature of 150
°C without added distortion.
RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134)
Note
For asymmetrical power supplies (at short circuiting of the load) the maximum supply voltage is limited to VP = 28 V.
If the total internal resistance of the supply (Ri) > 4 Ω, the maximum unloaded supply voltage is increased to 32 V.
PARAMETER
CONDITIONS
SYMBOL
MIN.
MAX.
UNIT
Supply voltage
pin 7
VP = V7-3
−
+21
V
pin 5
−V
P = V5-3
−−21
V
Non-repetitive peak
output current
pins 4 and 6
IOSM
−
4A
Total power dissipation
see Fig.2
Ptot
Storage temperature range
Tstg
−55
+150
°C
Junction temperature
Tj
−
150
°C
Short-circuit time:
see note
outputs short-circuited
to ground
symmetrical
(full signal drive)
power supply
tsc
−
1
hour
asymmetrical
power supply;
VP < 32 V
(unloaded);
Ri ≥ 4 Ω
tsc
−
1
hour



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com