Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1521 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA1521
Description  2 x 12 W hi-fi audio power amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1521 Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA1521 Datasheet HTML 1Page - NXP Semiconductors TDA1521 Datasheet HTML 2Page - NXP Semiconductors TDA1521 Datasheet HTML 3Page - NXP Semiconductors TDA1521 Datasheet HTML 4Page - NXP Semiconductors TDA1521 Datasheet HTML 5Page - NXP Semiconductors TDA1521 Datasheet HTML 6Page - NXP Semiconductors TDA1521 Datasheet HTML 7Page - NXP Semiconductors TDA1521 Datasheet HTML 8Page - NXP Semiconductors TDA1521 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
July 1994
3
Philips Semiconductors
Product specification
2 x 12 W hi-fi audio power amplifier
TDA1521
TDA1521Q
Fig.1 Block diagram.
PINNING
1
−INV1
non-inverting input 1
2
INV1
inverting input 1
3
GND
ground (symmetrical)
1
⁄2 VP (asymmetrical)
4
OUT1
output 1
5
−VP
negative supply (symmetrical)
ground (asymmetrical)
6
OUT2
output 2
7+VP
positive supply
8
INV2
inverting input 2
9
−INV2
non-inverting input 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com