Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOL-OCK5E-U-R Datasheet(PDF) 26 Page - 3M Electronics

Part # VOL-OCK5E-U-R
Description  Solutions for Enterprise Networks
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

VOL-OCK5E-U-R Datasheet(HTML) 26 Page - 3M Electronics

Back Button VOL-OCK5E-U-R Datasheet HTML 22Page - 3M Electronics VOL-OCK5E-U-R Datasheet HTML 23Page - 3M Electronics VOL-OCK5E-U-R Datasheet HTML 24Page - 3M Electronics VOL-OCK5E-U-R Datasheet HTML 25Page - 3M Electronics VOL-OCK5E-U-R Datasheet HTML 26Page - 3M Electronics VOL-OCK5E-U-R Datasheet HTML 27Page - 3M Electronics VOL-OCK5E-U-R Datasheet HTML 28Page - 3M Electronics VOL-OCK5E-U-R Datasheet HTML 29Page - 3M Electronics VOL-OCK5E-U-R Datasheet HTML 30Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 62 page
background image
Volition™ Surface Mounted Single Box, RAL 9011
RAL9011, For 1, 50x50 mm module
Volition™ 65x65x48 Surface Mounted Single Box, RAL 9011
P28410AA
Volition™ Simple Surface Mounted Boxes
for 50x50 Modules (Anodised Aluminium)
Delivery:
- 2 half blanking covers
- 1 or 2 un-assembled earth wires (depending on variant)
Volition™ Simple Surface Mounted Box, 155x80x48 for 2 sockets
267585VA
Volition™ Simple Surface Mounted Box, 255x80x48 for 4 sockets
267575VA
Volition™ Simple Surface Mounted Box, 365x80x48 for 7 sockets
267576VA
Volition™ Double Surface Mounted Boxes
for 50x50 Modules (Anodised Aluminium)
Delivery:
- 4 half blanking covers
- 2 or 4 un-assembled earth wires (depending on variant)
Volition™ Double Surface Mounted Box, 185x120x60 for 2x3 sockets
P28610AA
Volition™ Double Surface Mounted Box, 275x120x60 for 2x5 sockets
P28611AA
Volition™ Double Surface Mounted Box, 365x120x60 for 2x7 sockets
P28612AA
Volition™ Blanking Plugs
Volition™ 50x50 mm Full Cover
12391500
1.1
Copper Cabling
1.1.3
Volition™ 50x50 Module Supports
Description
Type/Order Text
Ref.-No.
50x50 Module Supports
24
Easy to install, the boxes are either pre-pierced for cable entry or
are provided with push-in openings.
The range includes models for different applications:
•Wall mounting boxes in ABS, single socket or multiple sockets
• Surface mounted or flush mounted boxes in aluminium, single
and double versions, several lengths available
• Floor boxes, for use in computer centres or offices with false
floors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com