Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOL-OCK5E-U-R Datasheet(PDF) 61 Page - 3M Electronics

Part # VOL-OCK5E-U-R
Description  Solutions for Enterprise Networks
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

VOL-OCK5E-U-R Datasheet(HTML) 61 Page - 3M Electronics

Back Button VOL-OCK5E-U-R Datasheet HTML 54Page - 3M Electronics VOL-OCK5E-U-R Datasheet HTML 55Page - 3M Electronics VOL-OCK5E-U-R Datasheet HTML 56Page - 3M Electronics VOL-OCK5E-U-R Datasheet HTML 57Page - 3M Electronics VOL-OCK5E-U-R Datasheet HTML 58Page - 3M Electronics VOL-OCK5E-U-R Datasheet HTML 59Page - 3M Electronics VOL-OCK5E-U-R Datasheet HTML 60Page - 3M Electronics VOL-OCK5E-U-R Datasheet HTML 61Page - 3M Electronics VOL-OCK5E-U-R Datasheet HTML 62Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 61 / 62 page
background image
1
59
1.3
Networking Hardware
1.3.2
Volition™ Network Interface Cards
Description
Type/Order text
Ref.-No.
Network Interface Cards
The Volition fibre based PCI network interface card supports Fast
Ethernet protocols, 100 Mb/s. The Nic supports most major oper-
ating systems and offer high performance with reliable operation in
todays demanding networks.
The 100 Mb/s card operates at either full or half duplex. The VOL-
N100VF+TX card has a VF-45 optical port plus an RJ45 copper
port with wake on LAN feature and therefore offers full flexibility for
migration paths.
Highlights:
•IEEE 802.3/802.3u and 802.3z compliant
• 32 bit bus mastering (10 and 100Mb/s cards)
• most common operating systems supported
• dual port copper/fibre 100Mb/s NIC available for easy
network migration (VOL-N100VF + TX)
Volition™ Network Interface Card
VOL-N100VF+TX, 2Port, 10/100MB NIC, PCI Bus
VOL-N100VF+TX
1 Port 10/100 Base-TX Volition™ RJ45,
1 Port 100 Base-FX with Volition™ VF-45, 1300nm
PU: 1 pc
MOQ: 1
Available until Q3/2005
VOL-N100VF+TX-R, 2Port, 10/100MB NIC, PCI Bus
VOL-N100VF+TX-R
1 Port 10/100 Base-TX Volition™ RJ45,
1 Port 100 Base-FX with Volition™ VF-45, 1300nm
PU: 1 pc
MOQ: 1
Available from Q4/2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com