Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOL-OCK5E-U-R Datasheet(PDF) 10 Page - 3M Electronics

Part # VOL-OCK5E-U-R
Description  Solutions for Enterprise Networks
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

VOL-OCK5E-U-R Datasheet(HTML) 10 Page - 3M Electronics

Back Button VOL-OCK5E-U-R Datasheet HTML 6Page - 3M Electronics VOL-OCK5E-U-R Datasheet HTML 7Page - 3M Electronics VOL-OCK5E-U-R Datasheet HTML 8Page - 3M Electronics VOL-OCK5E-U-R Datasheet HTML 9Page - 3M Electronics VOL-OCK5E-U-R Datasheet HTML 10Page - 3M Electronics VOL-OCK5E-U-R Datasheet HTML 11Page - 3M Electronics VOL-OCK5E-U-R Datasheet HTML 12Page - 3M Electronics VOL-OCK5E-U-R Datasheet HTML 13Page - 3M Electronics VOL-OCK5E-U-R Datasheet HTML 14Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 62 page
background image
Type/Order Text
Ref.-No.
RJ45 K6 Jack
1.1
Copper Cabling
1.1.1
Volition™ RJ45 K6 Jacks
Description
8
With its compact size, integral shutter, keystone mounting format
and tool less termination, the K6 Jack from 3M ensures a smart
and reliable installation. All 8 copper conductors are effortlessly ter-
minated in one simple operation resulting in reliable interconnection
in record time. If a wiring mistake is made the K6 Jack may be
reused several times.
To ensure appropriate electromagnetic compatibility three jack for-
mats are offered: UTP, FTP (with drain wire), and STP with 360°
braid or foil connection. Cable entry can be made from either the
top or bottom of the Jack providing flexibility during installation.
A wide range of face plates and patch panels is available in the 'K'
range which utilise the advantages of the K6 Jack.
Volition™ RJ45 K6 Jack, Cat 6, UTP, PU: 8 pcs/bag, MOQ: 12 bags
Volition™ RJ45 K6 Jack, Cat 6, UTP, white
VOL-OCK6-U
8 contacts
Volition™ RJ45 K6 Jack, Cat 6, UTP, blue
VOL-OCK6-U-BL
Volition™ RJ45 K6 Jack, Cat 6, UTP, green
VOL-OCK6-U-G
Volition™ RJ45 K6 Jack, Cat 6, UTP, red
VOL-OCK6-U-R
Volition™ RJ45 K6 Jack, Cat 6, UTP, yellow
VOL-OCK6-U-Y
Volition™ RJ45 K6 Jack, Cat 6, UTP, black
VOL-OCK6-U-BK
Volition™ RJ45 K6 Jack, Cat 6, UTP, orange
VOL-OCK6-U-O
Volition™ RJ45 K6 Jack, Cat 6, UTP, almond
VOL-OCK6-U-AL
Volition™ RJ45 K6 Jack, Cat 6, UTP, white,
VOL-OCK6-UB
Packaging: 500 units (bulk)
Volition™ RJ45 K6 Jack, Cat 6, FTP, white
VOL-OCK6-F
8 contacts and a ninth point to ensure the grounding continuity
PU: 8 pcs/bag, MOQ: 12 bags
Volition™ RJ45 K6 Jack, Cat 6, FTP, yellow
VOL-OCK6-FB
Packaging: 500 units (bulk)
Volition™ RJ45 K6 Jack, Cat 6, STP, white & metallic shield
VOL-OCK6-S
8 contacts, metallic nose and tinned bronze cover
shielded by reversible metal cover. Supplied with a fixing collar
PU: 8 pcs/bag, MOQ: 12 bags
Volition™ RJ45 K6 Jack, Cat 6, STP, yellow
VOL-OCK6-SB
Packaging: 500 units (bulk)
Volition™ shielded cover for RJ45 Keystone jacks
VOL-SCOCK-B
Packaging: 500 units (bulk)
Highlights
•Tool less assembly
• Choice of cable insertion orientation either from the
top or bottom for enhanced cable bend radius control
• Keystone Mounting
• UTP, FTP, and STP versions available
• Compliant with IEC 60603-7-5/4 Category 6 hardware
standards



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com