Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOL-OCK5E-U-R Datasheet(PDF) 60 Page - 3M Electronics

Part # VOL-OCK5E-U-R
Description  Solutions for Enterprise Networks
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

VOL-OCK5E-U-R Datasheet(HTML) 60 Page - 3M Electronics

Back Button VOL-OCK5E-U-R Datasheet HTML 54Page - 3M Electronics VOL-OCK5E-U-R Datasheet HTML 55Page - 3M Electronics VOL-OCK5E-U-R Datasheet HTML 56Page - 3M Electronics VOL-OCK5E-U-R Datasheet HTML 57Page - 3M Electronics VOL-OCK5E-U-R Datasheet HTML 58Page - 3M Electronics VOL-OCK5E-U-R Datasheet HTML 59Page - 3M Electronics VOL-OCK5E-U-R Datasheet HTML 60Page - 3M Electronics VOL-OCK5E-U-R Datasheet HTML 61Page - 3M Electronics VOL-OCK5E-U-R Datasheet HTML 62Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 60 / 62 page
background image
Type/Order Text
Ref.-No.
Media Converter 10Mb/s and 100Mb/s
1.3
Networking Hardware
1.3.1
Volition™ Media-Converter
Description
58
Volition media converters allow simple and cost effective use-
age of existing network equipment (fitted with RJ45 connectors
for copper wiring) with fibre optic cables. The Volition media
converter converts a twisted pair signal into the corresponding
optical signal.
The media converters are available as either a compact stand
alone item for installation in the work place or as a 19" version
with 12 and 24 x VF-45 (10 Mb/s) for rack mounting in
distribution areas.
Highlights:
•IEEE 802.3/802.3u and 802.3z compliant
• 32 bit bus mastering (10 and 100Mb/s cards)
• Most common operating systems supported
10 Base T (RJ45) to 10 Base FL, VF-45™ Port
VOL-0201-EUR
850nm, VF-45 Port
PC-Version, PU: 1 pc, MOQ: 1
10 Base T (RJ45) to 10 Base FL, VF-45 Ports
VOL-M10FL-12
850nm, 12x VF-45 Ports
Rackmount-Version, PU 1pc, MOQ:1
10 Base T (RJ45) to 10 Base FL, VF-45 Ports
VOL-M10FL-24
850nm, 24x VF-45 Ports
Rackmount-Version, PU 1pc, MOQ: 1
100 Base-TX (RJ45) to 100 Base-FX, VF-45 Port, 1300nm
VOL-M100FX-AN
PC-Version, PU: 6 pieces, MOQ: 1
Autonegociating (10Mbit/100Mbit) copper part.
Power supply alternatively via USB port or wall socket net adapter
Volition™ 10 Base T (Volition™ RJ45) 10 Base FL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com