Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTD5350MCPR Datasheet(PDF) 3 Page - BASIC SEMICONDUCTOR

Part # BTD5350MCPR
Description  Single-Channel Isolated Gate Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BASICSEMI [BASIC SEMICONDUCTOR]
Direct Link  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR

BTD5350MCPR Datasheet(HTML) 3 Page - BASIC SEMICONDUCTOR

  BTD5350MCPR Datasheet HTML 1Page - BASIC SEMICONDUCTOR BTD5350MCPR Datasheet HTML 2Page - BASIC SEMICONDUCTOR BTD5350MCPR Datasheet HTML 3Page - BASIC SEMICONDUCTOR BTD5350MCPR Datasheet HTML 4Page - BASIC SEMICONDUCTOR BTD5350MCPR Datasheet HTML 5Page - BASIC SEMICONDUCTOR BTD5350MCPR Datasheet HTML 6Page - BASIC SEMICONDUCTOR BTD5350MCPR Datasheet HTML 7Page - BASIC SEMICONDUCTOR BTD5350MCPR Datasheet HTML 8Page - BASIC SEMICONDUCTOR BTD5350MCPR Datasheet HTML 9Page - BASIC SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
www.basicsemi.com
3/19
Rev.0.3
Single-ChannelIsolatedGateDriver
BTD5350x
PartNo.
Pin
Configuration Isolation
Voltage
UVLO
Threshold Operating
Temperature Package Package
Material Quantity Marking
BTD5350MBPR
Miller-clamp
3000Vrms
8V
-40~125℃
SOP-8
Tape &
Reel
2500pcs
/Reel
BTD5350MB
BTD5350MCPR
11V
BTD5350MC
BTD5350MBWR
5000Vrms
8V
SOW-8
1000pcs
/Reel
BTD5350MB
BTD5350MCWR
11V
BTD5350MC
BTD5350SBPR
Split output
3000Vrms
8V
SOP-8
2500pcs
/Reel
BTD5350SB
BTD5350SCPR
11V
BTD5350SC
BTD5350SBWR
5000Vrms
8V
SOW-8
1000pcs
/Reel
BTD5350SB
BTD5350SCWR
11V
BTD5350SC
BTD5350EBPR
UVLO with refer-
ence to GND2
3000Vrms
8V
SOP-8
2500pcs
/Reel
BTD5350EB
BTD5350ECPR
11V
BTD5350EC
BTD5350EBWR
5000Vrms
8V
SOW-8
1000pcs
/Reel
BTD5350EB
BTD5350ECWR
11V
BTD5350EC
5.ProductInformation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com