Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTD5350MCPR Datasheet(PDF) 4 Page - BASIC SEMICONDUCTOR

Part # BTD5350MCPR
Description  Single-Channel Isolated Gate Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BASICSEMI [BASIC SEMICONDUCTOR]
Direct Link  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR

BTD5350MCPR Datasheet(HTML) 4 Page - BASIC SEMICONDUCTOR

  BTD5350MCPR Datasheet HTML 1Page - BASIC SEMICONDUCTOR BTD5350MCPR Datasheet HTML 2Page - BASIC SEMICONDUCTOR BTD5350MCPR Datasheet HTML 3Page - BASIC SEMICONDUCTOR BTD5350MCPR Datasheet HTML 4Page - BASIC SEMICONDUCTOR BTD5350MCPR Datasheet HTML 5Page - BASIC SEMICONDUCTOR BTD5350MCPR Datasheet HTML 6Page - BASIC SEMICONDUCTOR BTD5350MCPR Datasheet HTML 7Page - BASIC SEMICONDUCTOR BTD5350MCPR Datasheet HTML 8Page - BASIC SEMICONDUCTOR BTD5350MCPR Datasheet HTML 9Page - BASIC SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
www.basicsemi.com
4/19
Rev.0.3
Single-ChannelIsolatedGateDriver
BTD5350x
NO.
NAME TYPE(1)
DESCRIPTION
PACKAGE
1
VCC1
P
Input supply voltage
2
IN+
I
Non-inverting gate signal input pin
3
IN-
I
Inverting gate signal input pin
4
GND1
G
Input ground
5
VCC2
P
Positive output supply rail
6
OUT
O
Gate-Drive pullup output pin
7
GND2
G
Gate-Drive common pin
8
VEE2
P
Negative output supply rail
(1) P=Power, G=Ground, I=Input, O=Output
NO.
NAME TYPE(1)
DESCRIPTION
PACKAGE
1
VCC1
P
Input supply voltage
2
IN+
I
Non-inverting gate signal input pin
3
IN-
I
Inverting gate signal input pin
4
GND1
G
Input ground
5
VCC2
P
Positive output supply rail
6
OUTH
O
Gate-Drive pullup output pin
7
OUTL
O
Gate-Drive pulldown output pin
8
VEE2
P
Negative output supply rail
(1) P=Power, G=Ground, I=Input, O=Output
1
2
3
4
8
7
6
5
BTD5350S
VEE2
OUTL
OUTH
VCC2
VCC1
IN+
IN-
GND1
1
2
3
4
8
7
6
5
BTD5350M
VEE2
CLAMP
OUT
VCC2
VCC1
IN+
IN-
GND1
1
2
3
4
8
7
6
5
BTD5350E
VEE2
GND2
OUT
VCC2
VCC1
IN+
IN-
GND1
6.PinConfigurationandFunctions
6.2BTD5350S
NO.
NAME TYPE(1)
DESCRIPTION
PACKAGE
1
VCC1
P
Input supply voltage
2
IN+
I
Non-inverting gate signal input pin
3
IN-
I
Inverting gate signal input pin
4
GND1
G
Input ground
5
VCC2
P
Positive output supply rail
6
OUT
O
Gate-drive output
7
CLAMP
I
Miller-clamp input
8
VEE2
P
Negative output supply rail
(1) P=Power, G=Ground, I=Input, O=Output
6.1BTD5350M
1
2
3
4
8
7
6
5
BTD5350S
VEE2
OUTL
OUTH
VCC2
VCC1
IN+
IN-
GND1
1
2
3
4
8
7
6
5
BTD5350M
VEE2
CLAMP
OUT
VCC2
VCC1
IN+
IN-
GND1
1
2
3
4
8
7
6
5
BTD5350E
VEE2
GND2
OUT
VCC2
VCC1
IN+
IN-
GND1
1
2
3
4
8
7
6
5
BTD5350S
VEE2
OUTL
OUTH
VCC2
VCC1
IN+
IN-
GND1
1
2
3
4
8
7
6
5
BTD5350M
VEE2
CLAMP
OUT
VCC2
VCC1
IN+
IN-
GND1
1
2
3
4
8
7
6
5
BTD5350E
VEE2
GND2
OUT
VCC2
VCC1
IN+
IN-
GND1
6.3BTD5350E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com