Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTD5350MCPR Datasheet(PDF) 10 Page - BASIC SEMICONDUCTOR

Part # BTD5350MCPR
Description  Single-Channel Isolated Gate Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BASICSEMI [BASIC SEMICONDUCTOR]
Direct Link  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR

BTD5350MCPR Datasheet(HTML) 10 Page - BASIC SEMICONDUCTOR

Back Button BTD5350MCPR Datasheet HTML 6Page - BASIC SEMICONDUCTOR BTD5350MCPR Datasheet HTML 7Page - BASIC SEMICONDUCTOR BTD5350MCPR Datasheet HTML 8Page - BASIC SEMICONDUCTOR BTD5350MCPR Datasheet HTML 9Page - BASIC SEMICONDUCTOR BTD5350MCPR Datasheet HTML 10Page - BASIC SEMICONDUCTOR BTD5350MCPR Datasheet HTML 11Page - BASIC SEMICONDUCTOR BTD5350MCPR Datasheet HTML 12Page - BASIC SEMICONDUCTOR BTD5350MCPR Datasheet HTML 13Page - BASIC SEMICONDUCTOR BTD5350MCPR Datasheet HTML 14Page - BASIC SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
www.basicsemi.com
10/19
Rev.0.3
Single-ChannelIsolatedGateDriver
BTD5350x
9.1IsolationDesignDescription
The isolation inside the BTD5350x series is implemented with high voltage SiO2 based capacitors. There is a capacitor
on each of the primary-side and secondary-side to enhance insulation. The signal across the isolation has an on-off
keying (OOK) modulation scheme to transmit the digital data. The primary-side transmits a high-frequency carrier to
represent one digital state, and sends no signal to represent the other digital state. On the secondary side, the receiver
demodulates the signal and produces output for control. One can also add special anti-jamming circuit on the primary
/secondary sides to enhance the CMTI performance and minimize the radiate emissions (see Figure 6, 7).
Figure6.ConceptualBlockDiagramofaCapacitiveDataChannel
Figure7.OOKBasedModulationScheme
9.2InputStageCharacteristics
With input pins and secondary side completely isolated, BTD5350x is designed to be CMOS-compatible. It supports 3.3V,
5V and 15V level input, making the chip easy to accept control of multiple logic levels. It also has a Internal integrated
filter circuit with 0.1* VCC1 hysteresis for improving noise immunity of the input stage. The IN+ input port has a 128kΩ
pull-down resistor to force it grounding, the IN- input port has a 128kΩ pull-up resistor to make it go high to the power
supply, which can ensure that the output ports are in OFF state when input ports are left open. However, in order to
configure the initial power-on state of the driver IC, BASiC still recommends adding externally an
appropriate pull-up or pull-down resistor to the input.
9.3OutputBoosterCharacteristics
The BTD5350x has a rail-to-rail push stage output. The pull-up structure of the output stage consists of a P-channel
MOSFET and an N-channel MOSFET connected in parallel. At turn-on, N-channel MOSFET provides high current driv-
ing capability. P-channel MOSFET provides a small steady-state conduction voltage drop during steady conduction. The
pull-down structure is implemented using an N-channel MOSFET. A 1MΩ resistor is connected in parallel between the
drain and gate of the MOSFET to effectively clamp the gate voltage of the power device in the event of a loss of pow-
er on the chip to prevent the occurrence of partial turn-on. However, in order to ensure reliable shutdown of the power
device, BASiC recommends that appropriate pull-down resistor be added to the gate.
9.FunctionDescription
Transmitter
OOK Modulation
TX IN
Emissions
Reduction
Techniques
Oscillator
TX Signal
Conditioning
RX Signal
Conditioning
Envelope
Detection
Receiver
RX OUT
SiO2 based
Capacitive
Isolation
Barrier
TX IN
Carrier signal through
Isolation barrier
RX OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com