Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTD5350MCPR Datasheet(PDF) 5 Page - BASIC SEMICONDUCTOR

Part # BTD5350MCPR
Description  Single-Channel Isolated Gate Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BASICSEMI [BASIC SEMICONDUCTOR]
Direct Link  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR

BTD5350MCPR Datasheet(HTML) 5 Page - BASIC SEMICONDUCTOR

  BTD5350MCPR Datasheet HTML 1Page - BASIC SEMICONDUCTOR BTD5350MCPR Datasheet HTML 2Page - BASIC SEMICONDUCTOR BTD5350MCPR Datasheet HTML 3Page - BASIC SEMICONDUCTOR BTD5350MCPR Datasheet HTML 4Page - BASIC SEMICONDUCTOR BTD5350MCPR Datasheet HTML 5Page - BASIC SEMICONDUCTOR BTD5350MCPR Datasheet HTML 6Page - BASIC SEMICONDUCTOR BTD5350MCPR Datasheet HTML 7Page - BASIC SEMICONDUCTOR BTD5350MCPR Datasheet HTML 8Page - BASIC SEMICONDUCTOR BTD5350MCPR Datasheet HTML 9Page - BASIC SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
www.basicsemi.com
5/19
Rev.0.3
Single-ChannelIsolatedGateDriver
BTD5350x
7.SpecificationParameters
7.1AbsoluteLimits
PARAMETER
TESTCONDITIONS
MIN
MAX
UNIT
Input bias pin supply voltage
VCC1-GND1
-0.3
18
V
Driver bias supply
VCC2-VEE2
-0.3
35
VEE2 bipolar supply voltage for E version
VEE2-GND2
-17.5
0.3
Secondary side signal voltage
OUT, OUTH, OUTL, CLAMP
VEE2-0.3
VCC2+0.3
Primary side signal voltage
IN+, IN-
GND1-5
VCC1+0.3
Junction temperature, TJ
-
-40
150
℃
Storage temperature, TS
-
-65
150
Pin soldering temperature, TL
Duration <10s
-
300
ESD voltage
Human body model (HBM)
±3000
V
Charged device model (CDM)
±1500
Note: These are stress ratings only, which do not imply functional operation of the device at these or any other conditions beyond
those indicated under Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended
periods may affect device reliability, and cause permanent damage to the device under severe conditions.
7.2ThermalInformation
SYMBOL
PARAMETER
VALUE
UNIT
SOP-8
SOW-8
RθJA Junction-to-ambient thermal resistance
87.7
91.4
℃/W
RθJC(top) Junction-to-case (top) thermal resistance
19.4
35.1
RθJB Junction-to-board thermal resistance
43.0
73.8
ψJT Junction-to-top characterization parameter
57.3
51.0
ψJB Junction-to-board characterization parameter
65.7
47.7
7.3RecommendedOperatingConditions
SYMBOL
PARAMETER
MIN
MAX
UNIT
VCC1 Input supply voltage (VCC1–GND1)
3
15
V
VCC2 Total supply voltage output side (VCC2–VEE2)
BTD5350xCx
13.2
33
BTD5350xBx
9.5
33
VEE2 Bipolar supply voltage for E version (VEE2–GND2)
-16
0
TA Ambient temperature
-40
125
℃
PARAMETER
TESTCONDITIONS
MIN
MAX
UNIT
SOP-8
Maximum power dissipation on input and output VCC1=15V, VCC2=15V, f=2.1MHz,
50% duty cycle, square wave,
2.2nF capacitor
-
1.14
W
Maximum input power dissipation
-
0.05
Maximum output power dissipation
-
1.09
SOW-8
Maximum power dissipation on input and output VCC1=15V, VCC2=15V, f=1.9MHz,
50% duty cycle, square wave,
2.2nF load capacitor
-
1.04
W
Maximum input power dissipation
-
0.05
Maximum output power dissipation
-
0.99
7.4PowerRatings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com