Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI227 Datasheet(PDF) 3 Page - AMI SEMICONDUCTOR

Part # PI227
Description  200DPI CIS Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI227 Datasheet(HTML) 3 Page - AMI SEMICONDUCTOR

  PI227 Datasheet HTML 1Page - AMI SEMICONDUCTOR PI227 Datasheet HTML 2Page - AMI SEMICONDUCTOR PI227 Datasheet HTML 3Page - AMI SEMICONDUCTOR PI227 Datasheet HTML 4Page - AMI SEMICONDUCTOR PI227 Datasheet HTML 5Page - AMI SEMICONDUCTOR PI227 Datasheet HTML 6Page - AMI SEMICONDUCTOR PI227 Datasheet HTML 7Page - AMI SEMICONDUCTOR PI227 Datasheet HTML 8Page - AMI SEMICONDUCTOR PI227 Datasheet HTML 9Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Mounted in the module housing, along with the PCB, is the second major component , it is
a one-to-one graded indexed micro lens array that focuses the scanned documents'
image onto the sensing line of the sensor chips. The third major component, mounted in
the module, is the LED light source. See Figure 2. The PI227/228/229's Cross Sectional
View. This pictorial cross section shows the LED Bar light source and its Illumination path
as it reflects the image from the document and focuses through the ROD lens on to its
image sensing line of the sensing chips. All components are housed in a small plastic
housing and covered with the fourth major component, a glass window. This cover glass
not only serves to protect all of the critical components within the housing from dust, but
also serves a minor role in the optical system. Together with rest of the module's optical
system, the module is adjusted to obtain the optimum depth-of-focus. See the paragraph
on MTF Graph and Its Discussions.
Figure 2. PI227/228/229's Cross Section
I/O Designation
I/O to the module is a 12-pin connector located on one end of the module. See Figure 5.
Module's Mechanical Overview. Table 1 lists the pin numbers and their designations for
the I/O connector. It is JAE IL-Z-12P-S125L3-E connector.
Pin Number
Symbol
Names and Functions
1
VOUT1
Analog Video Output 1
2
VOUT2
Analog Video Output 2
3
GND
Ground; 0V
4
VOUT3
Analog Video Output 3
5
VOUT4
Analog Video Output 4
6
Vdd
Positive power supply
GLASS WINDOW
DOCUMENT SURFACE
LIGHT PATH
SENSORS
PCB
LED
BAR
INSIDE PICTORIAL OF MODULE
PAGE 3 OF 10 - PI227/228/229, 01-31-04



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com