Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI227 Datasheet(PDF) 1 Page - AMI SEMICONDUCTOR

Part # PI227
Description  200DPI CIS Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI227 Datasheet(HTML) 1 Page - AMI SEMICONDUCTOR

  PI227 Datasheet HTML 1Page - AMI SEMICONDUCTOR PI227 Datasheet HTML 2Page - AMI SEMICONDUCTOR PI227 Datasheet HTML 3Page - AMI SEMICONDUCTOR PI227 Datasheet HTML 4Page - AMI SEMICONDUCTOR PI227 Datasheet HTML 5Page - AMI SEMICONDUCTOR PI227 Datasheet HTML 6Page - AMI SEMICONDUCTOR PI227 Datasheet HTML 7Page - AMI SEMICONDUCTOR PI227 Datasheet HTML 8Page - AMI SEMICONDUCTOR PI227 Datasheet HTML 9Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Key Features
•
Light source, lens, and sensor are integrated into a single module
• Ultra-High-Speed
• Four parallel analog video outputs clocked at 5.0MHz.
• 90 µsec/line scanning speed @ 5.0MHz clock rate with optional light sources, selected
from the option of three above modules.
• 8 dpm resolution, 216 mm scanning length
• Wide dynamic range
• LED light source (selectable among the three above modules)
• Standard A4 size ≅ 14mm x 19 mm x 232 mm
•
Low power
•
Light weight
General Description
The PI227MC-A4, PI228MC-A4 and PI229MC-A4 are a family of CIS modules. As a
family group they are called PI227/228/229 modules. They are long contact image sensor
modules, using MOS image sensor technology for high-speed performance and high
sensitivity. They contain their own complete optical system including the light source,
accordingly, they make a very compact imaging system. The four parallel video outputs
gives these family of CIS modules their high speed performances. They all possess
identical electrical circuit components, as well as the mechanical and optical components,
except for their LED light sources. Accordingly they differ in their specification because the
different light sources limits the effective high speed performance. The three modules are
suitable for scanning A4 size (216 mm) documents with 8 dots per millimeter resolution.
200DPI CIS Sensor
Engineering Data Sheet
Peripheral
Imaging
Corporation
™
PI227MC-A4 / PI228MC-A4 / PI229MC-A4 CIS Module
PAGE 1 OF 10 - PI227/228/229, 01-31-04


Similar Part No. - PI227

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI2211 VICOR-PI2211 Datasheet
2Mb / 26P
Programmable inrush current limiting
PI2211-EVAL1 VICOR-PI2211-EVAL1 Datasheet
1Mb / 7P
PI2211-EVAL1: 12V/10A Cool-Swap™ Controller Evaluation Board User Guide
Rev1
logo
AMI SEMICONDUCTOR
PI223MC-A6 AMI-PI223MC-A6 Datasheet
589Kb / 6P
200DPI CIS Sensor
PI224MC-A6 AMI-PI224MC-A6 Datasheet
590Kb / 6P
200DPI CIS Sensor
PI225MC-A6 AMI-PI225MC-A6 Datasheet
595Kb / 6P
200DPI CIS Sensor
More results

Similar Description - PI227

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-710208 AMI-AMIS-710208 Datasheet
297Kb / 8P
200dpi CIS Module
AMIS-710223 AMI-AMIS-710223 Datasheet
221Kb / 7P
200dpi CIS Module
AMIS-710224 AMI-AMIS-710224 Datasheet
219Kb / 7P
200dpi CIS Module
PI201M-A4 AMI-PI201M-A4 Datasheet
962Kb / 6P
200DPI CIS Sensor
PI223MC-A6 AMI-PI223MC-A6 Datasheet
589Kb / 6P
200DPI CIS Sensor
PI224MC-A6 AMI-PI224MC-A6 Datasheet
590Kb / 6P
200DPI CIS Sensor
PI225MC-A6 AMI-PI225MC-A6 Datasheet
595Kb / 6P
200DPI CIS Sensor
PI226M-A4 AMI-PI226M-A4 Datasheet
591Kb / 6P
200DPI CIS Sensor
PI250MC-A6 AMI-PI250MC-A6 Datasheet
592Kb / 7P
200DPI CIS Sensor
PI3034A AMI-PI3034A Datasheet
635Kb / 7P
200DPI CIS Sensor Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com