Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI227 Datasheet(PDF) 6 Page - AMI SEMICONDUCTOR

Part # PI227
Description  200DPI CIS Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI227 Datasheet(HTML) 6 Page - AMI SEMICONDUCTOR

Back Button PI227 Datasheet HTML 2Page - AMI SEMICONDUCTOR PI227 Datasheet HTML 3Page - AMI SEMICONDUCTOR PI227 Datasheet HTML 4Page - AMI SEMICONDUCTOR PI227 Datasheet HTML 5Page - AMI SEMICONDUCTOR PI227 Datasheet HTML 6Page - AMI SEMICONDUCTOR PI227 Datasheet HTML 7Page - AMI SEMICONDUCTOR PI227 Datasheet HTML 8Page - AMI SEMICONDUCTOR PI227 Datasheet HTML 9Page - AMI SEMICONDUCTOR PI227 Datasheet HTML 10Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
PI228MC-A4
High Power Yellow-Green LED
Parameter
Symbol
Value
Units
Note
Line scanning rate
Tint(1)
90
µsec
@ 5.0
MHz clock
frequency
Clock frequency(2)
Fclk
5.0
MHz
Bright output voltage(3)
Video Output
0.5
Volt
Bright output
nonuniformity(4)
Up
<+/-30
%
Dark nonuniformity(5)
Ud
<40
mV
Dark output voltage(6)
Dark Level (DL)
<60
mV
Modulation transfer
function(7)
MTF
>40
%
Table 5C. PI228MC-A4 Electro-Optical Characteristics
See notes below Table 5D.
PI229MC-A4
Low Power Yellow-Green LED
Parameter
Symbol
Symbol
Units
Notes
Line scanning rate
Tint(1)
150
µsec
@ 3.0
MHz clock
frequency
Clock frequency(2)
Fclk
3.0
MHz
Bright output voltage(3)
Video Output
0.5
Volt
Bright output
nonuniformity(4)
Up
<+/-30
%
Dark nonuniformity(5)
Ud
<40
mV
Dark output voltage(6)
Dark Level (DL)
<60
mV
Modulation transfer
function(7)
MTF
>40
%
Table 5D. PI229MC-A4 Electro-Optical Characteristics
Definition:
(1) Tint is the line scanning rate or integration time. Tint is determined by the interval between two
start pulses, SP.
(2) Fclk: main clock frequency also equals the video sampling frequency.
(3) Video output level is controlled with a voltage adjustment as well as the Integration time and
LED light power.
(5) Ud = Vdmax – Vdmin
Vdmin is the minimum output voltage with LED off.
Vdmax is maximum output voltage with LED on.
(6) This level is measured from the reset level that is located between the pixels, during the pixel
reset duration. The reset level is at or near ground, 0V. Note the gain is adjustable on each
output. However, it is recommended that the gain should not be increased above the level
where the reset ground level starts to increase above zero.
(7) A graph of the typical MTF vs DOF is shown under discussion of MTF in Figure 5.
PAGE 6 OF 10 - PI227/228/229, 01-31-04
(4) Up = [Vp(max) - Vpavg]/Vpavgx100% or [Vpavg-Vp(min)]/Vpavg}x100%, whichever is greater
is selected.
Where Vp(max) = maximum pixel level and Vp(min) = minimum pixel level.
and Vpavg =
∑
=
5184
1
5184
/
)
(
n
n
n
Vp



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com