Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI227 Datasheet(PDF) 5 Page - AMI SEMICONDUCTOR

Part # PI227
Description  200DPI CIS Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI227 Datasheet(HTML) 5 Page - AMI SEMICONDUCTOR

  PI227 Datasheet HTML 1Page - AMI SEMICONDUCTOR PI227 Datasheet HTML 2Page - AMI SEMICONDUCTOR PI227 Datasheet HTML 3Page - AMI SEMICONDUCTOR PI227 Datasheet HTML 4Page - AMI SEMICONDUCTOR PI227 Datasheet HTML 5Page - AMI SEMICONDUCTOR PI227 Datasheet HTML 6Page - AMI SEMICONDUCTOR PI227 Datasheet HTML 7Page - AMI SEMICONDUCTOR PI227 Datasheet HTML 8Page - AMI SEMICONDUCTOR PI227 Datasheet HTML 9Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Environmental Specifications
Operating
temperature(1)
Top
0 to 50
0C
Operating
humidity(1)
Hop
10 to 90
%
Storage
temperature(1)
Tstg
-20 to+75
0C
Storage humidity(1)
Hstg
10 to 90
%
Table 4. Operating and Storage Environment
Note (1) These are standard specifications for the CIS modules
.
Electro-Optical Characteristics (25 °C)
Table 5A is the electro-optical characteristics common all three modules. Table 5B, 5C
and 5D show the different characteristics for each of the three LED light source.
Parameter
Symbol
Value
Units
Notes
Total number of photo
detectors
1728
Elements
Section 1, 2, & 3 number
of photo detectors
448
Elements
Section 4 number of
detectors
384
Elements
Pixel-to-pixel spacing
125
µm
Table 5A. Common Electro-Optical Characteristics
PI227MC-A4
660 RED LED
Parameter
Symbol
Value
Units
Note
Line scanning rate
Tint(1)
90
µsec
@ 5.0 MHz
clock
frequency
Clock frequency(2)
Fclk
5.0
MHz
Bright output voltage(3)
Video Output
1.0
Volt
Bright output
nonuniformity(4)
Up
<+/-30
%
Dark nonuniformity(5)
Ud
<40
mV
Dark output voltage(6)
Dark Level (DL)
<60
mV
Modulation transfer
function(7)
MTF
>40
%
Table 5B. PI227MC-A4 Electro-Optical Characteristics
See notes below Table 5D.
PAGE 5 OF 10 - PI227/228/229, 01-31-04



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com