Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3-63/I4/SVB Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # P3-63/I4/SVB
Description  Main�switchSurface�mounting
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

P3-63/I4/SVB Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  P3-63/I4/SVB Datasheet HTML 1Page - Eaton All Rights Reserved. P3-63/I4/SVB Datasheet HTML 2Page - Eaton All Rights Reserved. P3-63/I4/SVB Datasheet HTML 3Page - Eaton All Rights Reserved. P3-63/I4/SVB Datasheet HTML 4Page - Eaton All Rights Reserved. P3-63/I4/SVB Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
05/31/2013
HPL-ED2013 V1.0 EN
1 / 5
Main￿switchSurface￿mounting
Part￿no.
P3-63/I4/SVB
Article￿no.
207343
Catalog￿No.
SP3-063-I4CRQ
IP65
Delivery￿programme
Product range
 
 
Switch-disconnectors
Basic function
 
 
Main switches
Maintenance switches
Manual override switches
Part group reference
 
 
P3
Design
 
 
Surface mounting
 
 
 
Protection type
 
 
IP65
 
 
 
Emergency stop
 
 
As an emergency switching off/emergency stop device
 
 
 
With red rotary handle and yellow locking ring
Standards
 
 
According to IEC/EN 60204-1, VDE 0113 Part 1
Locking facility
 
 
Lockable in the 0 (Off) position
 
 
 
without auxiliary contacts
Contact sequence
 
 
Front plate no.
 
 
Main conducting paths
 
 
 
No. of poles
 
M
3
Auxiliary contacts
 
 
 
 
 
N/O
0
 
 
B
0
Max. motor rating
 
 
 
AC-23A
 
 
 


Similar Part No. - P3-63/I4/SVB

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
P3-63/EA/SVB/N EATON-P3-63/EA/SVB/N Datasheet
336Kb / 6P
Main switch, 3 pole N, 63 A, Emergency-Stop function, Lockable in the 0 (Off) position, flush mounting
03/18/2016
P3-63/V/SVB EATON-P3-63/V/SVB Datasheet
378Kb / 6P
Main switch, 3 pole, 63 A, STOP function, Lockable in the 0 (Off) position, rear mounting
02/18/2019
P3-63/V/SVB-SW EATON-P3-63/V/SVB-SW Datasheet
378Kb / 6P
Main switch, 3 pole, 63 A, STOP function, Lockable in the 0 (Off) position, rear mounting
02/18/2019
More results

Similar Description - P3-63/I4/SVB

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ14 SIEMENS-BUZ14 Datasheet
168Kb / 6P
main ratings
BUZ17 SIEMENS-BUZ17 Datasheet
172Kb / 6P
main ratings
BUZ201 SIEMENS-BUZ201 Datasheet
177Kb / 6P
main ratings
BUZ220 SIEMENS-BUZ220 Datasheet
174Kb / 6P
main ratings
BUZ221 SIEMENS-BUZ221 Datasheet
177Kb / 6P
main ratings
BUZ25 SIEMENS-BUZ25 Datasheet
175Kb / 6P
main rationgs
BUZ353 SIEMENS-BUZ353 Datasheet
181Kb / 6P
main ratings
BUZ63 SIEMENS-BUZ63 Datasheet
173Kb / 6P
main ratings
BUZ67 SIEMENS-BUZ67 Datasheet
154Kb / 6P
main ratings
logo
JILIN SINO-MICROELECTRO...
JCS5N60C JSMC-JCS5N60C Datasheet
1Mb / 12P
MAIN CHARACTERISTICS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com