Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3-63/I4/SVB Datasheet(PDF) 4 Page - Eaton All Rights Reserved.

Part # P3-63/I4/SVB
Description  Main�switchSurface�mounting
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

P3-63/I4/SVB Datasheet(HTML) 4 Page - Eaton All Rights Reserved.

  P3-63/I4/SVB Datasheet HTML 1Page - Eaton All Rights Reserved. P3-63/I4/SVB Datasheet HTML 2Page - Eaton All Rights Reserved. P3-63/I4/SVB Datasheet HTML 3Page - Eaton All Rights Reserved. P3-63/I4/SVB Datasheet HTML 4Page - Eaton All Rights Reserved. P3-63/I4/SVB Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
05/31/2013
HPL-ED2013 V1.0 EN
4 / 5
Motor drive integrated
 
 
No
Voltage release optional
 
 
No
Device construction
 
 
Complete device in housing
Suitable for ground mounting
 
 
Yes
Suitable for front mounting
 
 
No
Suitable for front mounting center
 
 
No
Suitable for distribution board installation
 
 
No
Suitable for intermediate mounting
 
 
No
Type of control element
 
 
-
Interlockable
 
 
Yes
Connection type main current circuit
 
 
Screw connection
Degree of protection (IP), front side
 
 
IP65
Characteristics
For utilisation category AC-4 (extreme load: 100 % inching, reversing or plugging)
The blocked rotor current of the motor should not exceed the rated current of the switch for AC-21A to ensure a reasonable device lifespan.
Dimensions



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com