Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3-63/I4/SVB Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # P3-63/I4/SVB
Description  Main�switchSurface�mounting
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

P3-63/I4/SVB Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  P3-63/I4/SVB Datasheet HTML 1Page - Eaton All Rights Reserved. P3-63/I4/SVB Datasheet HTML 2Page - Eaton All Rights Reserved. P3-63/I4/SVB Datasheet HTML 3Page - Eaton All Rights Reserved. P3-63/I4/SVB Datasheet HTML 4Page - Eaton All Rights Reserved. P3-63/I4/SVB Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
05/31/2013
HPL-ED2013 V1.0 EN
2 / 5
400/415 V
50-60 Hz
P
kW
30
Rated uninterrupted current
Iu
A
63
Approvals
Product Standards
UL 508; CSA-C22.2 No. 14-05; IEC/EN 60947-3; CE marking
UL File No.
E36332
UL CCN
NLRV
CSA File No.
12528
CSA Class No.
3211-05
NA Certification
UL listed, CSA certified
Specially designed for NA
Yes, in combination with "+NA-I4" (105868)
Suitable for
Branch circuits, suitable as motor disconnect
Degree of Protection
IEC: IP65; UL/CSA Type 3R, 12
General
Standards
 
 
IEC/EN 60947, VDE 0660, IEC/EN 60204, CSA,
UL switch disconnector according to IEC/EN 60947-3
Lifespan, mechanical
Operations
x
106
0.1
Maximum operating frequency
 
Operations/
h
50
Climatic proofing
 
 
Damp heat, constant, to IEC 60068-2-78; Damp heat, cyclical, to IEC
60068-2-30
Ambient temperature
 
°C
 
Open
 
°C
- 25 - 50
Enclosed
 
°C
- 25 - 40
Mounting position
 
 
As required
Mechanical shock resistance to IEC 60068-2-27
Half-
sinusoidal
shock 20
ms
g
> 15
Contacts
Rated operational voltage
Ue
V
AC
690
Rated impulse withstand voltage
Uimp
V
AC
6000
Overvoltage category/pollution degree
 
 
III/3
Rated uninterrupted current
Iu
A
 
open
Iu
A
63
Enclosed
Iu
A
63
Load rating with intermittent operation, class 12
 
 
 
AB 25 % DF
 
x Ie
2
AB 40 % DF
 
x Ie
1.6
AB 60 % DF
 
x Ie
1.3
Short-circuit rating
 
 
 
Fuse
 
A
gG/
gL
80
Rated short-time withstand current (1 s current)
Icw
Arms
1260
Switching angles
 
°
90
Current heat loss per contact at Ie
 
W
4.5
Terminal￿capacities
Solid or stranded
 
mm2
1 x (2.5 - 35)
2 x (2.5 - 10)
Flexible with ferrules to DIN 46228
 
mm2
 
Flexible with ferrule
 
mm2
1 x (1.5 - 25)
2 x (1.5 - 6)
Terminal screw
 
 
M5
Tightening torque
 
Nm
3
Switching￿capacity
AC
 
x Us
 
Rated making capacity cos ϕ = 0.35
 
A
800
Rated breaking capacity, motor load switch cos ϕ = 0.35
 
A
 



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com