Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3-63/I4/SVB Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # P3-63/I4/SVB
Description  Main�switchSurface�mounting
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

P3-63/I4/SVB Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  P3-63/I4/SVB Datasheet HTML 1Page - Eaton All Rights Reserved. P3-63/I4/SVB Datasheet HTML 2Page - Eaton All Rights Reserved. P3-63/I4/SVB Datasheet HTML 3Page - Eaton All Rights Reserved. P3-63/I4/SVB Datasheet HTML 4Page - Eaton All Rights Reserved. P3-63/I4/SVB Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
05/31/2013
HPL-ED2013 V1.0 EN
3 / 5
230 V
 
A
640
400 V
 
A
600
500 V
 
A
590
690 V
 
A
340
Rated operational current 440 V load-break switch AC-21A
Ie
A
63
Rating, AC-3 motor load switch
P
kW
 
220 V 230 V
P
kW
15
380 V 400 V
P
kW
30
500 V
P
kW
30
660 V 690 V
P
kW
20
AC-23A Motor load switches (main switches maintenance switches)
P
kW
 
230 V
P
kW
18.5
400 V
P
kW
30
500 V
P
kW
37
690 V
P
kW
50
DC
 
x Us
 
DC-1, Load-break switches L/R = 1 ms
 
 
 
Rated operational current
Ie
A
63
Voltage per contact pair in series
 
V
60
DC-23A, motor load switch L/R = 15 ms
 
 
 
24 V
 
 
 
Rated operational current
Ie
A
50
Contacts
 
Quantity 1
48 V
 
 
 
Rated operational current
Ie
A
50
Contacts
 
Quantity 2
60 V
 
 
 
Rated operational current
Ie
A
50
Contacts
 
Quantity 3
120 V
 
 
 
Rated operational current
Ie
A
25
Contacts
 
Quantity 3
Auxiliary￿contacts
Standards
 
 
According to IEC/EN 60204-1, VDE 0113 Part 1
Notes
Notes￿Main switch characteristics to IEC/EN 60204; positive opening of contacts, operator element positively located on shaft
The rated uninterrupted current Iu is stated at max. connected cross-section.
For terminal capacity solid, stranded and flexible:
Max. 2 cross-section sizes difference admissible when using 2 conductors.
Technical￿data￿ETIM￿4.0
Version as switch disconnector compact
 
 
Yes
Version as main switch
 
 
Yes
Version as maintenance-/service switch
 
 
Yes
Version as safety switch
 
 
No
Version as emergency stop installation
 
 
Yes
Max. rated operation voltage Ue AC
 
V
690
Rated permanent current Iu
 
A
63
Rated operation power AC-3, 400 V
 
kW
30
Rated operation power at AC-23, 400V
 
kW
37
Conditioned rated short-circuit current Iq
 
kA
0
Number of poles
 
 
3
Number of auxiliary contacts as normally closed contact
 
 
0
Number of auxiliary contacts as normally open contact
 
 
0
Number of auxiliary contacts as change-over contact
 
 
0
Motor drive optional
 
 
No



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com