Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PKE-SWD-32. Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # PKE-SWD-32.
Description  Function�element,�MSC-DEA�/�XTSEA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

PKE-SWD-32. Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  PKE-SWD-32. Datasheet HTML 1Page - Eaton All Rights Reserved. PKE-SWD-32. Datasheet HTML 2Page - Eaton All Rights Reserved. PKE-SWD-32. Datasheet HTML 3Page - Eaton All Rights Reserved. PKE-SWD-32. Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
04/24/2012
HPL-ED2012 V1.0 EN
1 / 4
Function￿element,￿MSC-DEA￿/￿XTSEA
Part￿no.
PKE-SWD-32
Article￿no.
126895
Program
Product range
 
 
SmartWire-DT slave
Basic function
 
 
Motor protection
Motor protection for heavy starting duty
Product range
 
 
Accessories
Accessories
 
 
SmartWire-DT PKE module (motor-starter combinations)
Function
 
 
For connecting the motor-starter combination to SmartWire-DT,
"expanded" 24 VDC version (MSC-DEA…) up to 15 kW.
Description
 
 
Surface-mounting to contactors.
One module per contactor and PKE necessary.
Additional SWD contactor module required fir actuation of reversing
starter.
1 electrical interlock for the surface mounting of reversing starters.
1-0-A switch for manual or automatic operation.
Selectable overload relay function (ZMR) for switching off the contactor
on overload.
Wiring sets DILM 12-XRL and PKZM0-XRM12 cannot be used.
Messages
 
 
Switch position contactor/PKE/1-0-A switch
Motor current in %
Thermal motor image in %
Trip indications (Overload, Short-circuit,...)
Set value of overload releases
Set time lag (CLASS)
Part no. of trip block
Commands
 
 
Contactor actuation
Activation Overload relay function (ZMR)
Information about equipment supplied
 
 
Connecting cable between module and trip block PKE-XTUA-…
included as standard.
For use with
 
 
DILM(C)7… - DILM(C)32
MSC-DEA
Connection to SmartWire-DT
 
 
yes
Connection type
 
 
Push in terminals
Notes
• Take into account the max. current consumption of the contactor coils per SmartWire-Darwin line.
• A2 connections must not be bridged.
• Wiring sets DILM 12-XRL and PKZM0-XRM12 cannot be used.
• Additional SWD contactor module required fir actuation of reversing starter.
Approvals
UL approval
Yes
CSA approval
Yes
NA Certification
Request filed for UL and CSA
Part￿no.
 
 
PKE-SWD-32
General
Standards
 
 
IEC/EN 61131-2
EN 50178
IEC/EN 60947
Dimensions (W x H x D)
 
mm
45 x 38 x 76
Weight
 
kg
0.04
Mounting
 
 
on DILM7…DILM32
Mounting position
 
 
as DILM7 to DILM32
Ambient￿conditions,￿mechanical
Protection type (IEC/EN 60529, EN50178, VBG 4)
 
 
IP20
Vibrations (IEC/EN 61131-2:2008)
 
 
 
Constant amplitude 3,5 mm
 
Hz
5 - 8.4
Constant acceleration 1 g
 
Hz
8.4 - 150
Mechanical shock resistance (IEC/EN 60068-2-27) semi-sinusoidal 15
g/11 ms
 
Impacts 9
Drop to IEC/EN 60068-2-31
Drop
height
mm
50
Free fall, packaged (IEC/EN 60068-2-32)
 
m
0.3
Electromagnetic￿compatibility￿(EMC)


Similar Part No. - PKE-SWD-32.

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
PKE-SWD-32.. EATON-PKE-SWD-32.. Datasheet
189Kb / 4P
Function�element,�MSC-DEA�/�XTSEA
06/25/2012
More results

Similar Description - PKE-SWD-32.

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
DM-232 SONY-DM-232 Datasheet
96Kb / 5P
Magnetoresistance Element
logo
Isahaya Electronics Cor...
BSO8D ISAHAYA-BSO8D Datasheet
682Kb / 15P
TRIGGER ELEMENT
logo
Kingtronics Internation...
RKT-3540S KINGTRONICS-RKT-3540S Datasheet
370Kb / 1P
WIREWOUND ELEMENT
logo
Littelfuse
FLNR LITTELFUSE-FLNR_16 Datasheet
162Kb / 2P
Dual Element
logo
CUI INC
CPT-2064-L100 CUI-CPT-2064-L100 Datasheet
349Kb / 4P
PIEZO ELEMENT
CPT-2065-L100 CUI-CPT-2065-L100 Datasheet
307Kb / 4P
PIEZO ELEMENT
CPT-2745-L100 CUI-CPT-2745-L100 Datasheet
365Kb / 4P
PIEZO ELEMENT
logo
Festo Corporation.
192968 FESTO-192968 Datasheet
76Kb / 1P
Stop element
12/4/22
logo
WECO ELECTRICAL CONNECT...
130-CP WECO-130-CP Datasheet
53Kb / 1P
Coding element
10.12
logo
Lapp.
44424017 LAPP-44424017 Datasheet
137Kb / 2P
POWER MODULE MSC-HHC 2 / MCB-HHC 2
15.12.2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com