Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PKE-SWD-32. Datasheet(PDF) 4 Page - Eaton All Rights Reserved.

Part # PKE-SWD-32.
Description  Function�element,�MSC-DEA�/�XTSEA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

PKE-SWD-32. Datasheet(HTML) 4 Page - Eaton All Rights Reserved.

  PKE-SWD-32. Datasheet HTML 1Page - Eaton All Rights Reserved. PKE-SWD-32. Datasheet HTML 2Page - Eaton All Rights Reserved. PKE-SWD-32. Datasheet HTML 3Page - Eaton All Rights Reserved. PKE-SWD-32. Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
04/24/2012
Eaton Industries GmbH
http://www.moeller.net/en
© 04/2012 by Eaton Industries GmbH
HPL-ED2012 V1.0 EN
4 / 4
Supporting protocol for INTERBUS
 
 
No
Type of output voltage
 
 
DC
Supporting protocol for PROFIBUS
 
 
No
Number of Industrial Ethernet HW interfaces
 
 
0
Number of HW-interfaces PROFINET
 
 
0
Permitted voltage at output
 
V
28.8
Supporting protocol for AS-Interface Safety at Work
 
 
No
Number of HW-interfaces RS485
 
 
0
Explosion protection for gas
 
 
without
Supporting protocol for AS-Interface
 
 
No
Supporting protocol for PROFINET CBA
 
 
No
Supply voltage AC 50 Hz
 
V
0
Number of HW-interfaces parallel
 
 
0
Rail mounting possible
 
 
No
Number of HW-interfaces RS422
 
 
0
In-/outputs configurable
 
 
No
Suitable for safety functions
 
 
No
Dimensions
SmartWire-DT PKE module (motor-starter combinations)
Additional￿product￿information￿(links)
IL03402024Z￿(AWA1210-2706)￿SmartWire-DT:￿Function￿element￿for￿PKE12/32,￿MSC-DEA
IL03402024Z (AWA1210-2706)
SmartWire-DT: Function element for
PKE12/32, MSC-DEA
ftp://ftp.moeller.net/DOCUMENTATION/AWA_INSTRUCTIONS/IL03402024Z2010_08.pdf
MN05006001Z-EN(AWB2723-1613)￿SmartWire-DT,￿Unit
MN05006001Z-DE (AWB2723-1613)
SWD-Teilnehmer - Deutsch
ftp://ftp.moeller.net/DOCUMENTATION/AWB_MANUALS/MN05006001Z_DE.pdf
MN05006001Z-EN(AWB2723-1613)
SmartWire-DT, Unit - English
ftp://ftp.moeller.net/DOCUMENTATION/AWB_MANUALS/MN05006001Z_EN.pdf
MN05006001Z-IT (AWB2723-1613)
SmartWire-Darwin utenti - italiano
ftp://ftp.moeller.net/DOCUMENTATION/AWB_MANUALS/MN05006001Z_IT.pdf
Motor starters and "Special Purpose
Ratings" for the North American market
http://www.moeller.net/binary/ver_techpapers/ver953en.pdf
Busbar Component Adapters for
modern Industrial control panels
http://www.moeller.net/binary/ver_techpapers/ver960en.pdf



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com