Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PKE-SWD-32. Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # PKE-SWD-32.
Description  Function�element,�MSC-DEA�/�XTSEA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

PKE-SWD-32. Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  PKE-SWD-32. Datasheet HTML 1Page - Eaton All Rights Reserved. PKE-SWD-32. Datasheet HTML 2Page - Eaton All Rights Reserved. PKE-SWD-32. Datasheet HTML 3Page - Eaton All Rights Reserved. PKE-SWD-32. Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
04/24/2012
HPL-ED2012 V1.0 EN
2 / 4
Overvoltage category
 
 
II
Pollution degree
 
 
2
Electrostatic discharge (IEC/EN 61131-2:2008)
 
 
 
Air discharge (Level 3)
 
kV
8
Contact discharge (Level 2)
 
kV
4
Electromagnetic fields (IEC/EN 61131-2:2008)
 
 
 
80 - 1000 MHz
 
V/m
10
1.4 - 2 GHz
 
V/m
3
2 - 2.7 GHz
 
V/m
1
Radio interference suppression (SmartWire-DT)
 
 
EN 55011 Class A
Burst (IEC/EN 61131-2:2008, Level 3)
 
 
 
CAN/DP bus cable
 
kV
1
SmartWire-DT cables
 
kV
1
Radiated RFI (IEC/EN 61131-2:2008, Level 3)
 
V
10
Climatic￿environmental￿conditions
Operating ambient temperature (IEC 60068-2)
 
°C
 
Ambient temperature
 
°C
-25 - +60
Condensation
 
 
Take appropriate measures to prevent condensation
Storage
 
°C
-30 - +70
relative humidity, non-condensing (IEC/EN 60068-2-30)
 
%
5 - 95
SmartWire-DT￿network
Station type
 
 
SmartWire-DT slave
Address allocation
 
 
automatic
SmartWire-DT status LED
 
LED
green/orange
Connections
 
 
Plug, 8-pole
Connection
 
 
External device plug SWD4-8SF2-5
Current consumption
 
mA
58
Pick-up power
 
 
 
for DILM 7-9
 
W
3
for DILM 12-15
 
W
4.5
for DILM 17-38
 
W
12
Pick-up current
 
 
 
for DILM 7-9
 
mA
125
for DILM 12-15
 
mA
188
for DILM 17-38
 
mA
500
Holding power
 
 
 
for DILM 7-9
 
W
3
for DILM 12-15
 
W
4.5
for DILM 17-38
 
W
0.5
Holding current
 
 
 
for DILM 17-38
 
mA
21
for DILM 12-15
 
mA
188
for DILM 7-9
 
mA
125
Mode￿parameter
Manual/automatic mode
 
 
yes
Setting
 
 
Rotary switch
Connection￿auxiliary￿contact
Cable length
 
m
2.8
Connection type
 
 
Push in terminals
Terminal￿capacities
Solid
 
mm2
0.2 - 1.5 (AWG 24 - 16)
Flexible with ferrule
 
mm2
0.25 - 1.5
Technical￿data￿according￿to￿ETIM￿4.0
Radiostandard Bluetooth
 
 
No



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com