Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PKE-SWD-32. Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # PKE-SWD-32.
Description  Function�element,�MSC-DEA�/�XTSEA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

PKE-SWD-32. Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  PKE-SWD-32. Datasheet HTML 1Page - Eaton All Rights Reserved. PKE-SWD-32. Datasheet HTML 2Page - Eaton All Rights Reserved. PKE-SWD-32. Datasheet HTML 3Page - Eaton All Rights Reserved. PKE-SWD-32. Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
04/24/2012
HPL-ED2012 V1.0 EN
3 / 4
Short-circuit protective device, outputs available
 
 
No
Type of voltage (input voltage)
 
 
DC
Flush mounting plates possible
 
 
No
Height
 
mm
38
Performance level acc. to EN ISO 13849-1
 
 
A
Number of HW-interfaces other
 
 
2
Number of outputs
 
 
1
Supporting protocol for PROFIsafe
 
 
No
Supply voltage DC
 
V
15
Supply voltage AC 60 Hz
 
V
0
Supporting protocol for EtherNet/IP
 
 
No
IO link master
 
 
No
Number of HW-interfaces USB
 
 
0
Supporting protocol for TCP/IP
 
 
No
With optical interface
 
 
No
Wall mounting/direct mounting
 
 
No
Number of HW-interfaces serial TTY
 
 
0
Appendant apparatus (Ex ib)
 
 
No
Supporting protocol for other bus systems
 
 
YES
Supporting protocol for DeviceNet Safety
 
 
No
Protection type (IP)
 
 
IP20
Supporting protocol for PROFINET IO
 
 
No
Supporting protocol for Data-Highway
 
 
No
Voltage type of supply voltage
 
 
DC
Supporting protocol for CAN
 
 
No
Type of electric connection
 
 
Spring clamp connection
Category to EN 954-1
 
 
1
Number of inputs
 
 
0
Permitted voltage at input
 
V
15
Number of HW-interfaces RS232
 
 
0
Rack-mounting possible
 
 
No
Input current at signal 1
 
mA
0
Width
 
mm
45
System component
 
 
YES
Explosion safety category for dust
 
 
without
Supporting protocol for INTERBUS-Safety
 
 
No
Supporting protocol for SUCONET
 
 
No
Supporting protocol for DeviceNet
 
 
No
Supporting protocol for SafetyBUS p
 
 
No
Fieldbus connection over separate bus terminal possible
 
 
YES
Depth
 
mm
77.3
SIL according to IEC 62061
 
 
0
Supporting protocol for EIB
 
 
No
SIL according to IEC 61508
 
 
0
Output current
 
A
0.5
Type of digital output
 
 
-
Radiostandard WLAN 802.11
 
 
No
Associated apparatus (Ex ia)
 
 
No
Delay time on signal change
 
ms
84
Number of HW-interfaces Wireless
 
 
0
Supporting protocol for MODBUS
 
 
No
Supporting protocol for SERCOS
 
 
No
Safety class according to DIN V 19250
 
 
0
Supporting protocol for Foundation Fieldbus
 
 
No
Supporting protocol for LON
 
 
No



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com