Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL375-47 Datasheet(PDF) 39 Page - Emerson Network Power

Part # PL375-47
Description  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL375-47 Datasheet(HTML) 39 Page - Emerson Network Power

Back Button PL375-47 Datasheet HTML 35Page - Emerson Network Power PL375-47 Datasheet HTML 36Page - Emerson Network Power PL375-47 Datasheet HTML 37Page - Emerson Network Power PL375-47 Datasheet HTML 38Page - Emerson Network Power PL375-47 Datasheet HTML 39Page - Emerson Network Power PL375-47 Datasheet HTML 40Page - Emerson Network Power PL375-47 Datasheet HTML 41Page - Emerson Network Power PL375-47 Datasheet HTML 42Page - Emerson Network Power PL375-47 Datasheet HTML 43Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 100 page
background image
37
Coax Connectors / 110 Series
1.6/5.6 DIN Connectors
RF Coaxial 75 Ohm DIN
Threaded Full Crimp Cable Plug
UPL110-
RF Coaxial 75 ohm DIN
Jack Threaded Connector
MEETS REQ OF IEC 169-13
UBJ110-
Adapter 75 ohm BNC Jack to 75 ohm DIN Plug
UADF20M110
Adapter 75 ohm BNC Plug to 75 ohm DIN Jack
UADM20F110
Dual Coaxial DIN Connector “U-Link” 75 Ohm
With Two Plugs
Based on 169-13 Specification
105-1496
Trompeter’s 110 series connectors are 30% smaller than the
standard BNC currently used for the Coax Central Office
termination. With this space savings, 72 interconnects can be
placed in the same 1 rack unit panels as 52 BNCs. The 110 series
of connectors is available in the following: cable plug, cable jack,
a U-Link for connecting two jacks, a right angle circuit board jack,
and BNC to DIN adapters.
Trompeter’s 110 series works with all the cables currently in use in
the central office environment and like all Trompeter connectors,
can be made to accommodate any coax cable changes.
C R IMP
S LEEVE
.500
.488
P IN
CONTACT
.939
±.015
.300
.380
Ø.410
.580
.375
.590
±.010
.450
.990
.634
1.084
INS ULATOR
WAS HE R S
LOC K NUT
S UPPOR T
R ING
.573
1.003
±.010
B ODY
ASSY
M9 X 0.50
S OC K E T
CONTACT
.579
.500
C R IMP
S LEEVE
Ø.410
Ø.380
B NC J AC K
DIN P LUG
(1.530)
.580
Ø.593 MAX
B NC P LUG
DIN J AC K
Ø.322
1.263
.471
Refer to Cable Group Tables, pages 74-91.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com