Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL375-47 Datasheet(PDF) 92 Page - Emerson Network Power

Part # PL375-47
Description  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL375-47 Datasheet(HTML) 92 Page - Emerson Network Power

Back Button PL375-47 Datasheet HTML 88Page - Emerson Network Power PL375-47 Datasheet HTML 89Page - Emerson Network Power PL375-47 Datasheet HTML 90Page - Emerson Network Power PL375-47 Datasheet HTML 91Page - Emerson Network Power PL375-47 Datasheet HTML 92Page - Emerson Network Power PL375-47 Datasheet HTML 93Page - Emerson Network Power PL375-47 Datasheet HTML 94Page - Emerson Network Power PL375-47 Datasheet HTML 95Page - Emerson Network Power PL375-47 Datasheet HTML 96Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 100 page
background image
90
Cable Group Table
CABLE MANUFACTURER
CABLE NUMBER
CABLE TYPE
WRENCH STYLE
CRIMP STYLE
JACKET SIZE
CONDUCTOR
IMPEDANCE
RAYCHEM
EPD22030E
TWINAX
*
-224
0.209
0.026
_
RAYCHEM
EPD22030F
TWINAX
_
-215
0.251
0.025
_
RAYCHEM
EPD22188B
TWINAX
_
-218
0.150
0.025
_
RAYCHEM
EPD26467Q
TRIAX
-23
-303
0.136
0.012
_
RAYCHEM
EPD27364A
TWINAX
-11
TOO LARGE
0.311
0.038
77
RAYCHEM
EPD29102A
COAX
-2
-013
0.243
0.023
75
RAYCHEM
EPD30653Q
TWINAX
*
-217
0.150
0.025
_
RAYCHEM
EPD33017Q
COAX
-5
-003
0.106
0.020
_
RAYCHEM
EPD33698Q
TRIAX
-32
_
0.142
0.015
_
RAYCHEM
EPD33727Q
TRIAX
-33
_
0.185
0.012
_
RAYCHEM
EPD38474Q
TRIAX
-13
TOO LARGE
0.330
0.022
_
RAYCHEM
EPD44692
TWINAX
-29
-217
0.146
0.025
77
RAYCHEM
EPD46270Q
TRIAX
-9
-306
0.260
0.037
_
RAYCHEM
EPD49317Q
COAX
-63
_
0.228
0.025
75
RAYCHEM
EPD49334Q
TRIAX
-8
TOO LARGE
0.322
0.023
75
RAYCHEM
EPD49336Q
TRIAX
-13A
TOO LARGE
0.322
0.023
_
RAYCHEM
EPD49338Q
TWINAX
-9
_
_
_
_
RAYCHEM
EPD60947Q
TRIAX
-7
_
0.260
0.042
_
RAYCHEM
EPD6314
TWINAX
-29
-201
0.136
0.025
77
RAYCHEM
EPD647100-01
COAX
-6B
TOO LARGE
0.433
0.088
50
RAYCHEM
EPD7246Q
COAX
-6A
TOO LARGE
0.406
0.048
75
RAYCHEM
EPD76761
TWINAX
_
-212
0.177
0.024
77
RAYCHEM
EPD8274-1
TRIAX
-13
TOO LARGE
0.314
_
_
RAYCHEM
M27500-22ML2TO8
TWINAX
-45
-204
0.134
0.028
_
RAYCHEM
M27500-22RC2S06
TWINAX
*
-217
0.145
0.025
_
RAYCHEM
M27500-26RC2S06
TWINAX
-47
-223
0.110
0.019
_
RAYCHEM
M27500-26RC2S09
TWINAX
-27
_
0.110
0.018
_
RAYCHEM
URM54
TRIAX
-13
_
0.327
0.023
_
SEIMENS
2YCYCY 0.63/3.7-75
TRIAX
-13A
TOO LARGE
0.307
0.025
75
SUHNER
G 04233 D-10
COAX
-2B
*
0.256
0.023
75
SUHNER
G01330HT
TRIAX
-56
_
0.177
0.016
_
SUHNER
G02262
COAX
-5
-003
0.110
0.019
_
SUHNER
G02332
TRIAX
-26
_
0.167
0.035
_
SUHNER
G02333
TRIAX
-59
_
0.169
0.010
_
SUHNER
G03233D
COAX
-3
_
0.212
0.017
_
SUHNER
GX03272D-06
COAX
-3
-012
0.213
0.035
_
SUHNER
S02223
COAX
_
-004
0.100
0.04
75
SUHNER
S04233
COAX
-2B
-014
0.243
0.034
75
SUMIRE
4C-HEB-NL
COAX
_
-25
0.236
0.035
75
SUMITOMO
2.5C
COAX
-22
-008
0.154
0.015
_
SUMITOMO
2C
COAX
*
-008
0.147
0.012
_
SUPERIOR
FVP224
TWINAX
-9
-214
0.242
0.021
_
SUPERIOR ESSEX
SERIES 11
COAX
-6A
-052
0.400
0.060
75
TENSOLITE
8712812
TWINAX
-47
-201
_
_
_
TENSOLITE
10047-9219-01
TRIAX
-32
-302
0.166
0.031
_
TENSOLITE
1936-TX-10C2SW
TWINAX
-47
-201
0.129
0.024
_
TENSOLITE
24453/42810 Q-2
QUADRAX
-58
-217
0.145
0.025
_
TENSOLITE
24499/898X2
TWINAX
-24
-204
0.125
0.025
_
TENSOLITE
26433/9P175T-2
TWINAX
-27
-205
0.090
0.019
_
TENSOLITE
26840/9D099LV-2
TWINAX
*
-223
0.110
0.019
_
TENSOLITE
28883/31169Q-1
TRAIX
-23
_
0.135
0.015
75
TENSOLITE
28883/T290TX-1
TRIAX
-23
_
0.135
0.015
75
TENSOLITE
30852/9B2581V-1
28GA
COAX
-5A
-001
0.079
0.010
_
TENSOLITE
30880/4119X-1
COAX
-44
*
0.073
0.011
_
Note: * = Special contact customer service
For a complete listing please refer to the online catalog.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com