Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL375-47 Datasheet(PDF) 22 Page - Emerson Network Power

Part # PL375-47
Description  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL375-47 Datasheet(HTML) 22 Page - Emerson Network Power

Back Button PL375-47 Datasheet HTML 18Page - Emerson Network Power PL375-47 Datasheet HTML 19Page - Emerson Network Power PL375-47 Datasheet HTML 20Page - Emerson Network Power PL375-47 Datasheet HTML 21Page - Emerson Network Power PL375-47 Datasheet HTML 22Page - Emerson Network Power PL375-47 Datasheet HTML 23Page - Emerson Network Power PL375-47 Datasheet HTML 24Page - Emerson Network Power PL375-47 Datasheet HTML 25Page - Emerson Network Power PL375-47 Datasheet HTML 26Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 100 page
background image
20
AD158 Shown
PL153-29 Shown
“D” mounting holes see page 54.
BN153 Shown
CBJ157 Shown
Max Board Thickness .125
CBJR157 Shown
.722
.170
.308
.013
.400
TYP
.049/.045
DIA 6 HOLES
.200 TYP
.100"
.300
.070
DIA 4
PLACES
.200
.100
.100
.062 DIA TYP
.778
.413
.125
1.156
1.034
.375 WRENCH
FLATS
1.070
.400 DIA MAX
OVER KNURL
.686
.375 WRENCH
FLATS
.080
.375 HEX NUT
.437
DIA
.590
.665
±.030
.4375-28UNEF-2A
.500 HEX NUT
.120
.125
.562
HEX
.660
±.030
Ø.443
.439
.190
.187
.300
±.003
Ø.070
± .001
4 PLACES
.200
±.003
.100
± .003
.100
±.003
Ø.062
±.001 TYP
Max Panel Thickness: .125 D-Hole: D4
Twinax/Triax Connectors / Subminiature
150/3150 Series
Circuit Board Jack
3-Lug............................................... CBJ157
4-Lug........................................... CBJ157FL
Threaded....................................... CBJ3157
Right Angle Circuit Board Jack
3-Lug............................................. CBJR157
4-Lug......................................... CBJR157FL
Threaded..................................... CBJR3157
“T” Adapter
3-Lug............................................... BN153
4-Lug............................................ BN153FL
Threaded........................................ BN3153
TRS/TTM Coupling Adapter
Barrel Connector
3-Lug............................................... AD158
4-Lug............................................ AD158FL
Threaded....................................... AD3158
Push-on Cable Plug
Wrench Crimp
PL153-
Twinax/Triax TRS Subminiature
Right Angle Bulkhead Rear Mount 3-Lug
CBBJR159
Refer to Cable Group Tables, pages 74-91.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com