Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL375-47 Datasheet(PDF) 14 Page - Emerson Network Power

Part # PL375-47
Description  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL375-47 Datasheet(HTML) 14 Page - Emerson Network Power

Back Button PL375-47 Datasheet HTML 10Page - Emerson Network Power PL375-47 Datasheet HTML 11Page - Emerson Network Power PL375-47 Datasheet HTML 12Page - Emerson Network Power PL375-47 Datasheet HTML 13Page - Emerson Network Power PL375-47 Datasheet HTML 14Page - Emerson Network Power PL375-47 Datasheet HTML 15Page - Emerson Network Power PL375-47 Datasheet HTML 16Page - Emerson Network Power PL375-47 Datasheet HTML 17Page - Emerson Network Power PL375-47 Datasheet HTML 18Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 100 page
background image
12
Front-loading Modular Panels
For use with J74MST-R Patch Jacks (pg. 13)
R-Resistance (½W, 1%), Z-Denotes Cable Impedance.
Standard and Sub-miniature Panels, see pages 53-54.
LPTWL-78 Shown
1.689
2.514
.374
.437 WRENCH FLATS
.437 FLATS
.500
DIA
.513 DIA MAX
"L"
LENGTH
.445
DIA
.380
DIA
2.660
.570
.812
.560
.375
.281
.156 DIA MTG HOLE
STD. 2 DSI (.580 WIDE)
.450 DIA THRU
1.000
TYP
.688
TYP
1.404
M
S
L
3.483
1.046
.750
.625
.330 MAX
2.077
.660
2.650
.420
JSISM-60
2.250
.625
1.20
3.969
.374
DIA TYP
Twinax/Triax Connectors / Miniature Patching
Twinax Patch Plug
PL71L-
Twinax Patch Jack
TRB 3-Lug
J72L
Twinax Patch Cord
Twinax......................................... PTWYL-L-Z
Triax............................................ PTRYL-L-Z
Looping Plug
Twinax.......................................... LPTWL-Z
Triax.............................................. LPTRL--Z
Panel Dimensions
Modules/Panels
Jacks/Module
Jacks/Panel
Part Number
19”x3.483”
10
2
20
155-0830-1 (JSISM-60)
19”x2.34”
10
4
40
JSISM-120
STD. 2 DSI (.580 WIDE)
.450 DIA THRU
1.000
TYP
.688
TYP
1.404
M
S
L
3.483
1.046
.750
.625
.330 MAX
2.077
M
S
L
M
S
L
.660
2.650
.420
.330 MAX TYP
5.234
1.404
1.000
2.218
2.608
.204
4.826
.660
2.077
.450 DIA THRU
120 HOLES
.750
.625
.625
JSISM-60
JSISM-120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com