Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GU10 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # GU10
Description  HALOPAR 16 50 W 240 V 30° GU10
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GU10 Datasheet(HTML) 3 Page - OSRAM GmbH

  GU10 Datasheet HTML 1Page - OSRAM GmbH GU10 Datasheet HTML 2Page - OSRAM GmbH GU10 Datasheet HTML 3Page - OSRAM GmbH GU10 Datasheet HTML 4Page - OSRAM GmbH GU10 Datasheet HTML 5Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Overall length
53.0 mm
Outer bulb
PAR51
Maximum diameter
51.0 mm
Colors & materials
Lamp mercury content
0.0 mg
Mercury-free
Yes
Lifespan
Nominal lamp life time
2000 h
Rated lamp life time
2000 h
Number of switching cycles
50000 1)
1) At 1 min on / 3 min off
Additional product data
Spectral power distribution
Base (standard designation)
GU10
Footnote only for product
Not suitable for outdoor use or damp conditions
Capabilities
Burning position
Any
Dimmable
Yes
Product datasheet
__
August 21, 2014, 19:16:26
© 2014, OSRAM GmbH. All rights reserved.
HALOPAR 16 50 W 240 V 30° GU10
Page 3 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com