Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GU10 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # GU10
Description  HALOPAR 16 50 W 240 V 30° GU10
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GU10 Datasheet(HTML) 1 Page - OSRAM GmbH

  GU10 Datasheet HTML 1Page - OSRAM GmbH GU10 Datasheet HTML 2Page - OSRAM GmbH GU10 Datasheet HTML 3Page - OSRAM GmbH GU10 Datasheet HTML 4Page - OSRAM GmbH GU10 Datasheet HTML 5Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Product benefits
Brilliant accent light
With whole glass reflector for brilliant lighting effects
Approved for use in open luminaires (to IEC 60598-1)
No transformer required
UV filter
Innovative bulb pinch technology for the burner
Complies with IEC 60432-2 thanks to integrated fuse function
Contains no mercury
Product features
Average life: 2,000 h
100 % dimmable
Color rendering index Ra: 100
Base: GU10, GZ10
Product datasheet
HALOPAR 16 50 W 240 V 30° GU10
OSRAM HALOPAR 16 GU10/GZ10 | Halogen lamps with parabolic reflector PAR16, with
GU10/GZ10 base
Areas of application
General illumination
Shops
Restaurants, hotels and similar prestigious applications
__
August 21, 2014, 19:16:26
© 2014, OSRAM GmbH. All rights reserved.
HALOPAR 16 50 W 240 V 30° GU10
Page 1 of 5


Similar Part No. - GU10

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
GU10-1W-X-S-36 HB-GU10-1W-X-S-36 Datasheet
114Kb / 3P
LED
GU10-3W-X-S-36 HB-GU10-3W-X-S-36 Datasheet
106Kb / 3P
LED
logo
List of Unclassifed Man...
GU1084 ETC2-GU1084 Datasheet
310Kb / 4P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
GU1084 GTM-GU1084 Datasheet
310Kb / 4P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
GU1084 ETL-GU1084 Datasheet
319Kb / 4P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results

Similar Description - GU10

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
TLL-GU10-061 BETLUX-TLL-GU10-061 Datasheet
36Kb / 1P
Spot Lamp Series GU10
REV NO: V. 1
logo
Cree, Inc
CGH31240F CREE-CGH31240F Datasheet
2Mb / 12P
240 W, 2700-3100 MHz, 50-ohm Input
Rev 2.0
CGH35240F CREE-CGH35240F Datasheet
1Mb / 12P
240 W, 3100-3500 MHz, 50-ohm Input/
Rev 3.0
logo
TriQuint Semiconductor
QPD1011 TRIQUINT-QPD1011 Datasheet
1Mb / 25P
30 ??1200 MHz, 50 V, 7 W GaN RF Input-Matched Transistor
QPD1020 TRIQUINT-QPD1020 Datasheet
1Mb / 22P
2.7 ??3.5 GHz, 50 V, 30 W GaN RF Input-Matched Transistor
logo
Cree, Inc
CGHV40200PP CREE-CGHV40200PP Datasheet
713Kb / 13P
200 W, 50 V, GaN HEMT
logo
Qorvo, Inc
QPD1020 QORVO-QPD1020 Datasheet
1Mb / 21P
2.7 ??3.5 GHz, 50 V, 30 W GaN RF Input-Matched Transistor
QPD1011 QORVO-QPD1011 Datasheet
1Mb / 23P
30 – 1200 MHz, 50 V, 7 W GaN RF Input-Matched Transistor
January 2022
logo
STMicroelectronics
RF5L15030CB2 STMICROELECTRONICS-RF5L15030CB2 Datasheet
926Kb / 12P
30 W, 50 V, HF to 1.5 GHz RF power LDMOS transistor
logo
WOLFSPEED, INC.
CGHV40030 WOLFSPEED-CGHV40030 Datasheet
3Mb / 15P
30 W, DC - 6 GHz, 50 V, GaN HEMT
Rev. 1.6, 2022-12-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com