Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GU10 Datasheet (PDF) - OSRAM GmbH

GU10 Datasheet PDF - OSRAM GmbH
Part # GU10
Download  GU10 Download
File Size   238.53 Kbytes
Page   5 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description HALOPAR 16 50 W 240 V 30° GU10

GU10 Datasheet (PDF)

Go To PDF Page Download Datasheet
GU10 Datasheet PDF - OSRAM GmbH

Part # GU10
Download  GU10 Click to download

File Size   238.53 Kbytes
Page   5 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description HALOPAR 16 50 W 240 V 30° GU10

GU10 Datasheet (HTML) - OSRAM GmbH


GU10 Product details

Areas of application
General illumination
Shops
Restaurants, hotels and similar prestigious applications

Product features
Average life: 2,000 h
100 % dimmable
Color rendering index Ra: 100
Base: GU10, GZ10




Similar Part No. - GU10

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
GU10-1W-X-S-36 HB-GU10-1W-X-S-36 Datasheet
114Kb / 3P
LED
GU10-3W-X-S-36 HB-GU10-3W-X-S-36 Datasheet
106Kb / 3P
LED
logo
List of Unclassifed Man...
GU1084 ETC2-GU1084 Datasheet
310Kb / 4P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
GU1084 GTM-GU1084 Datasheet
310Kb / 4P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
GU1084 ETL-GU1084 Datasheet
319Kb / 4P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Similar Description - GU10

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
TLL-GU10-061 BETLUX-TLL-GU10-061 Datasheet
36Kb / 1P
Spot Lamp Series GU10
REV NO: V. 1
logo
Cree, Inc
CGH31240F CREE-CGH31240F Datasheet
2Mb / 12P
240 W, 2700-3100 MHz, 50-ohm Input
Rev 2.0
CGH35240F CREE-CGH35240F Datasheet
1Mb / 12P
240 W, 3100-3500 MHz, 50-ohm Input/
Rev 3.0
logo
TriQuint Semiconductor
QPD1011 TRIQUINT-QPD1011 Datasheet
1Mb / 25P
30 ??1200 MHz, 50 V, 7 W GaN RF Input-Matched Transistor
QPD1020 TRIQUINT-QPD1020 Datasheet
1Mb / 22P
2.7 ??3.5 GHz, 50 V, 30 W GaN RF Input-Matched Transistor
logo
Cree, Inc
CGHV40200PP CREE-CGHV40200PP Datasheet
713Kb / 13P
200 W, 50 V, GaN HEMT
logo
Qorvo, Inc
QPD1020 QORVO-QPD1020 Datasheet
1Mb / 21P
2.7 ??3.5 GHz, 50 V, 30 W GaN RF Input-Matched Transistor
QPD1011 QORVO-QPD1011 Datasheet
1Mb / 23P
30 – 1200 MHz, 50 V, 7 W GaN RF Input-Matched Transistor
January 2022
logo
STMicroelectronics
RF5L15030CB2 STMICROELECTRONICS-RF5L15030CB2 Datasheet
926Kb / 12P
30 W, 50 V, HF to 1.5 GHz RF power LDMOS transistor
logo
WOLFSPEED, INC.
CGHV40030 WOLFSPEED-CGHV40030 Datasheet
3Mb / 15P
30 W, DC - 6 GHz, 50 V, GaN HEMT
Rev. 1.6, 2022-12-13
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com