Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GU10 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # GU10
Description  HALOPAR 16 50 W 240 V 30° GU10
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GU10 Datasheet(HTML) 4 Page - OSRAM GmbH

  GU10 Datasheet HTML 1Page - OSRAM GmbH GU10 Datasheet HTML 2Page - OSRAM GmbH GU10 Datasheet HTML 3Page - OSRAM GmbH GU10 Datasheet HTML 4Page - OSRAM GmbH GU10 Datasheet HTML 5Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Certificates & standards
Energy efficiency class
D
Country specific categorizations
ILCOS
HAGS/UB-50-240-GU10-51/30
Order reference
64824FL 50W 240
Country specific information
Product code
METEL-Code
SEG number
STK-Number
UK Org
4050300580159
-
8327518
-
-
Product datasheet
__
August 21, 2014, 19:16:26
© 2014, OSRAM GmbH. All rights reserved.
HALOPAR 16 50 W 240 V 30° GU10
Page 4 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com