Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TESEO-LIV4FTR Datasheet(PDF) 6 Page - STMicroelectronics

Part # TESEO-LIV4FTR
Description  Tiny dual-band GNSS low power and measurement engine modules
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TESEO-LIV4FTR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TESEO-LIV4FTR Datasheet HTML 2Page - STMicroelectronics TESEO-LIV4FTR Datasheet HTML 3Page - STMicroelectronics TESEO-LIV4FTR Datasheet HTML 4Page - STMicroelectronics TESEO-LIV4FTR Datasheet HTML 5Page - STMicroelectronics TESEO-LIV4FTR Datasheet HTML 6Page - STMicroelectronics TESEO-LIV4FTR Datasheet HTML 7Page - STMicroelectronics TESEO-LIV4FTR Datasheet HTML 8Page - STMicroelectronics TESEO-LIV4FTR Datasheet HTML 9Page - STMicroelectronics TESEO-LIV4FTR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
3
Augmentation systems
3.1
Satellite_based augmentation system
Teseo-LIV4F supports SBAS. SBAS is a wide area differential GPS (WADGPS). It is a system which provides
differential GPS corrections data; SBAS includes the WAAS within the united states, the EGNOS within Europe,
the multifunctional transport satellite (MTSAT)-based MSAS within Japan and southeast Asia, and the GPS and
GEO augmented navigation (GAGAN) system in India.
The SBAS data correction is used in the GNSS algorithm to provide a better position estimation. The overall
SBAS differential correction mechanism can be conceived as built in 2 phases:
•
The “Acquire and tracking” phase.
•
The “Decoding” phase.
The “Acquire and track” phase relates to the capacity of the acquisition engine to reliably track the configured
SBAS satellite; during decoding phase the SBAS message can be decoded to fetch the differential corrections.
The current longitude limits for each service are:
•
WAAS -180 degrees to -25 degrees
•
EGNOS -25 degrees to +50 degrees
•
GAGAN +50 degrees to +100 degrees
•
MSAS +100 degrees to +180 degrees
The Teseo-LIV4F software with SBAS capability implements a command interface at the NMEA level to allow
interaction with the SBAS library. It supports commands to enable/disable the SBAS functionality.
3.2
QZSS
The quasi-zenith satellite system (QZSS) is Japanese regional communication services and positioning
information for the mobile environment in the GPS L1C/A band. QZSS in conjunction with GPS signals provide
GNSS augmentation service for the Pacific region covering Japan and Australia. QZSS satellites are placed in a
periodic highly elliptical orbit (HEO): these orbits allow the satellites to “dwell” for more than 12 hours a day at an
elevation above 70° (it means that they appear almost overhead most of the time).
Teseo-LIV4F
Augmentation systems
DS13957 - Rev 6
page 6/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com