Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TESEO-LIV4FTR Datasheet(PDF) 17 Page - STMicroelectronics

Part # TESEO-LIV4FTR
Description  Tiny dual-band GNSS low power and measurement engine modules
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TESEO-LIV4FTR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TESEO-LIV4FTR Datasheet HTML 13Page - STMicroelectronics TESEO-LIV4FTR Datasheet HTML 14Page - STMicroelectronics TESEO-LIV4FTR Datasheet HTML 15Page - STMicroelectronics TESEO-LIV4FTR Datasheet HTML 16Page - STMicroelectronics TESEO-LIV4FTR Datasheet HTML 17Page - STMicroelectronics TESEO-LIV4FTR Datasheet HTML 18Page - STMicroelectronics TESEO-LIV4FTR Datasheet HTML 19Page - STMicroelectronics TESEO-LIV4FTR Datasheet HTML 20Page - STMicroelectronics TESEO-LIV4FTR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
12.4
Absolute maximum ratings
This product contains devices to protect the inputs against damage due to high static voltages, however it is
advisable to take normal precautions to avoid application of any voltage higher than the specified maximum rated
voltages.
Table 5. Module supply voltage characteristics
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Digital supply voltage
3.0
3.3
3.63
V
VBAT
Backup input supply voltage
3.0
3.3
3.63
V
Table 6. Module thermal characteristics
Symbol
Parameter
Min
Max
Unit
Toper
Operative temperature range
-40
85
°C
Tstor
Storage temperature range
-40
85
°C
Table 7. Module current consumption
Symbol
Parameter
Test condition
Typ
Unit
Power consumption
Test condition
GNSS L1 + L5;
TC = 25 °C;
VCC = VBAT = 3.3 V;
48.8
mA
SW-STANDBY mode
RTC running @ 32.768 kHz;
TC = 25 °C;
VCC = VBAT = 3.3V
10
μA
Teseo-LIV4F
Electrical characteristics
DS13957 - Rev 6
page 17/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com