Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TESEO-LIV4FTR Datasheet(PDF) 18 Page - STMicroelectronics

Part # TESEO-LIV4FTR
Description  Tiny dual-band GNSS low power and measurement engine modules
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TESEO-LIV4FTR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TESEO-LIV4FTR Datasheet HTML 14Page - STMicroelectronics TESEO-LIV4FTR Datasheet HTML 15Page - STMicroelectronics TESEO-LIV4FTR Datasheet HTML 16Page - STMicroelectronics TESEO-LIV4FTR Datasheet HTML 17Page - STMicroelectronics TESEO-LIV4FTR Datasheet HTML 18Page - STMicroelectronics TESEO-LIV4FTR Datasheet HTML 19Page - STMicroelectronics TESEO-LIV4FTR Datasheet HTML 20Page - STMicroelectronics TESEO-LIV4FTR Datasheet HTML 21Page - STMicroelectronics TESEO-LIV4FTR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
12.5
Recommended DC operating conditions
Table 8. Recommended DC operating conditions
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Power supply pins
3.0
3.3
3.63
V
VBAT
Power supply pins for backup internal logic
3.0
3.3
3.63
V
Table 9. I/O voltage characteristic for nReset and PRG pins
Parameter
Condition
Min
Typ
Max
Unit
Input high voltage
-
VBAT*0.7
-
VBAT
V
Input low voltage
-
0
-
VBAT*0.3
V
Pull-up resistance
-
18
-
84
kΩ
Table 10. I/O voltage characteristic for the other pins
Parameter
Condition
Min
Typ
Max
Unit
Input high voltage
-
VCC*0.7
-
VCC
V
Input low voltage
-
0
-
VCC*0.3
V
Pull-up resistance
-
35
-
84
kΩ
Output high voltage
VCC = 3.3 V
2.64
-
V
Output low voltage
VCC = 3.3 V
-
0.4
V
Teseo-LIV4F
Electrical characteristics
DS13957 - Rev 6
page 18/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com