Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TESEO-LIV4FTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # TESEO-LIV4FTR
Description  Tiny dual-band GNSS low power and measurement engine modules
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TESEO-LIV4FTR Datasheet(HTML) 1 Page - STMicroelectronics

  TESEO-LIV4FTR Datasheet HTML 1Page - STMicroelectronics TESEO-LIV4FTR Datasheet HTML 2Page - STMicroelectronics TESEO-LIV4FTR Datasheet HTML 3Page - STMicroelectronics TESEO-LIV4FTR Datasheet HTML 4Page - STMicroelectronics TESEO-LIV4FTR Datasheet HTML 5Page - STMicroelectronics TESEO-LIV4FTR Datasheet HTML 6Page - STMicroelectronics TESEO-LIV4FTR Datasheet HTML 7Page - STMicroelectronics TESEO-LIV4FTR Datasheet HTML 8Page - STMicroelectronics TESEO-LIV4FTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Features
•
Simultaneous multiconstellation and multi band GNSS (GPS/Galileo/Glonass/
BeiDou/QZSS)
•
IRNSS constellation ready
•
GNSS raw measurement data
•
-162 dBm tracking sensitivity
•
Submeter positioning accuracy
•
Embedded flash
•
Firmware upgrade
•
Free firmware configuration
•
VCC/VBAT supply voltage range: 3.0 V to 3.63 V
•
Tiny LCC-18 pin package (9.7 x 10.1 mm)
•
Operating temperature (-40 °C ÷ 85 °C)
•
10 μA standby current consumption and 48.8 mA GNSS L1&L5 tracking
current consumption
Description
The Teseo-LIV4F module is an easy-to-use global navigation satellite system (GNSS)
standalone low power module, embedding Teseo IV single die GNSS receiver IC
working simultaneously on multiple constellations (GPS/Galileo/Glonass/BeiDou/
QZSS) able to provide positioning or raw measurement data.
The Teseo-LIV4F module brings the proven accuracy and robustness of Teseo IV
multi bands chips to the reach of everyone: the embedded firmware and the
complete evaluation environment save development time, while the compactness
and cost-effectiveness of this solution make it ideal for several applications, such as
insurance, goods tracking, drones, tolling, anti-theft systems, people and pet location,
vehicle tracking, emergency calls, fleet management, vehicle sharing, diagnostics
and public transportation.
Within its 9.7 x 10.1 mm tiny size, Teseo-LIV4F is offering superior accuracy thanks
to the on-board temperature compensated crystal oscillator (TCXO) and a reduced
time to first fix (TTFF) relying on its dedicated real time clock (RTC) oscillator.
Teseo-LIV4F also provides the real-time assisted GNSS able to predict satellite data
based on previous observation of satellite.
Teseo-LIV4F module is a CE certified.
Teseo-LIV4F optimizes the time to market of the final applications with a temperature
operating range from -40 °C to 85 °C.
(9.7 x 10.1 mm)
LCC-18
Product status link
Teseo-LIV4F
Product summary
Order code
Teseo-LIV4FTR
Marking
Teseo-LIV4F
Temperature
range
-40 °C ÷ 85 °C
Package
LCC-18
(9.7 x 10.1 mm)
Packing
Tape and Reel
Tiny dual-band GNSS low power and measurement engine modules
Teseo-LIV4F
Datasheet
DS13957 - Rev 6 - May 2024
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - TESEO-LIV4FTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TESEO-LIV4F STMICROELECTRONICS-TESEO-LIV4F Datasheet
868Kb / 30P
Tiny Dual-Band GNSS Low Power module
30-Mar-2023
More results

Similar Description - TESEO-LIV4FTR

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MK50DX128CYY7 FREESCALE-MK50DX128CYY7 Datasheet
377Kb / 2P
Integrated measurement engine, Ethernet and LCD
logo
List of Unclassifed Man...
CGGP.25.4.E.02 ETC2-CGGP.25.4.E.02 Datasheet
1Mb / 15P
Dual-band GNSS Operation
logo
Taoglas antenna solutio...
CGGP.25.4.E.02 TAOGLAS-CGGP.25.4.E.02 Datasheet
1Mb / 15P
Dual-band GNSS Operation
logo
MKS Instruments.
MULTIGAS1635-READY MKS-MULTIGAS1635-READY Datasheet
261Kb / 4P
5 Hz Engine and Vehicle Emissions Measurement and Certification Analyzer
logo
STMicroelectronics
TESEO-LIV3R STMICROELECTRONICS-TESEO-LIV3R Datasheet
849Kb / 30P
Tiny ROM GNSS module
10-Jun-2019
TESEO-LIV3F STMICROELECTRONICS-TESEO-LIV3F Datasheet
783Kb / 37P
Tiny GNSS module
20-Sep-2019
logo
u-blox AG
SARA-G3 U-BLOX-SARA-G3 Datasheet
1Mb / 48P
Dual and quad-band GSM/GPRS modules
logo
STMicroelectronics
STA9100MGA STMICROELECTRONICS-STA9100MGA Datasheet
76Kb / 3P
Automotive TeseoAPP (ASIL Precise Positioning) Family Multi Band GNSS Precise Measurement Engine receiver
TESEO-LIV3FL STMICROELECTRONICS-TESEO-LIV3FL Datasheet
1Mb / 34P
Tiny low power GNSS module
17-Aug-2022
TESEO-LIV4F STMICROELECTRONICS-TESEO-LIV4F Datasheet
868Kb / 30P
Tiny Dual-Band GNSS Low Power module
30-Mar-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com