Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP157FDK2 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STM32MP157FDK2
Description  STM32MP expansion board for NFC card reader
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP157FDK2 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STM32MP157FDK2 Datasheet HTML 2Page - STMicroelectronics STM32MP157FDK2 Datasheet HTML 3Page - STMicroelectronics STM32MP157FDK2 Datasheet HTML 4Page - STMicroelectronics STM32MP157FDK2 Datasheet HTML 5Page - STMicroelectronics STM32MP157FDK2 Datasheet HTML 6Page - STMicroelectronics STM32MP157FDK2 Datasheet HTML 7Page - STMicroelectronics STM32MP157FDK2 Datasheet HTML 8Page - STMicroelectronics STM32MP157FDK2 Datasheet HTML 9Page - STMicroelectronics STM32MP157FDK2 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Figure 5. X-STM32MP-NFC08 circuit schematics (4 of 6)
ST25R3916B NFC Initiator / HF Reader
RFO2
GPIO_ST25R3916B_I2C_EN
GPIO_ST25R3916B_SPI_MISO
GPIO_ST25R3916B_IRQ
RFO1
AAT_PARALLEL
AAT_SERIES
GPIO_ST25R3916B_SPI_CS
GPIO_ST25R3916B_SPI_CLK
GPIO_ST25R3916B_SPI_MOSI
GPIO_ST25R3916B_I2C_SCL
GPIO_ST25R3916B_I2C_SCL
GPIO_ST25R3916B_I2C_SDA
AAT_SERIES
EXT_LM
RFI2
RFI1
GPIO_ST25R3916B_I2C_SDA
AAT_PARALLEL
GND
5V0
3V3
5V0
3V3
5V0
Y1
NDK 27,12MHz Crystal
2
4
3
1
C9
2.2uF
R26
0R
C14
10nF
NM
C16
10nF
C10
22nF
C18
10nF
R28
1.65K
NM
AAT_A1
NM
C11
2.2uF
NM
U2
ST25R3916B-AQWT
9
VDD_RF
10
VDD_TX
11
VDD_AM
12
GND_DR_1
13
RFO1
14
VDD_DR
15
RFO2
16
GND_DR_2
TAD2
25
GND_A
26
IRQ
27
MCU_CLK
28
BSS
29
SCLK/SCL
30
MOSI
31
MISO/SDA
32
Th_Pad
33
TP5
P2
U.FL-R-SMT-1(10)
NM
AAT_B1
NM
TP3
TP4
C21
10nF
TP1
NM
C25
10pF
TP6
C13
2.2uF
C23
2.2uF
R25
0R
NM
C20
2.2uF
TP7
C15
2.2uF
NM
R27
1.65K
NM
P1
U.FL-R-SMT-1(10)
NM
C17
2.2uF
C7
10nF
C24
10pF
C12
10nF
TP2
NM
C6
1uF
C19
10nF
C22
2.2uF
C8
10nF
VDD_D
VDD_RF
VDD_D
VDD_RF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com