Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP157FDK2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STM32MP157FDK2
Description  STM32MP expansion board for NFC card reader
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP157FDK2 Datasheet(HTML) 4 Page - STMicroelectronics

  STM32MP157FDK2 Datasheet HTML 1Page - STMicroelectronics STM32MP157FDK2 Datasheet HTML 2Page - STMicroelectronics STM32MP157FDK2 Datasheet HTML 3Page - STMicroelectronics STM32MP157FDK2 Datasheet HTML 4Page - STMicroelectronics STM32MP157FDK2 Datasheet HTML 5Page - STMicroelectronics STM32MP157FDK2 Datasheet HTML 6Page - STMicroelectronics STM32MP157FDK2 Datasheet HTML 7Page - STMicroelectronics STM32MP157FDK2 Datasheet HTML 8Page - STMicroelectronics STM32MP157FDK2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Figure 3. X-STM32MP-NFC08 circuit schematics (2 of 6)
1- 2
WRITE_DISABLE
Jumper
2- 3 ( DEFAULT)
EEPROM (WC)
WRITE_ENABLE
2mm
17mm
Camer a Sl ot
EEPROM_ID_SC
EEPROM_ID_SD
3V3
3V3
FIDUCIAL1
Fiducial
J1
3-pin Male Header
1
2
3
J3
Mouting hole_3.2mm drill
1
U1
M24C32-RMN6TP
E0
1
E1
2
E2
3
SDA
5
SCL
6
WC
7
VCC
8
VSS
4
R5
22K
NM
FIDUCIAL3
Fiducial
J4
Mouting hole_3.2mm drill 1
R1
1K
R2
1K
R6
22K
NM
SB1
Open
NM
R3
3.9K
R7
22K
NM
C1
100nF
SB2
Open
NM
FIDUCIAL2
Fiducial
J5
Mouting hole_3.2mm drill
1
SB3
Open
NM
J2
Mouting hole_3.2mm drill 1
R4
3.9K



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com