Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP157FDK2 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STM32MP157FDK2
Description  STM32MP expansion board for NFC card reader
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP157FDK2 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STM32MP157FDK2 Datasheet HTML 3Page - STMicroelectronics STM32MP157FDK2 Datasheet HTML 4Page - STMicroelectronics STM32MP157FDK2 Datasheet HTML 5Page - STMicroelectronics STM32MP157FDK2 Datasheet HTML 6Page - STMicroelectronics STM32MP157FDK2 Datasheet HTML 7Page - STMicroelectronics STM32MP157FDK2 Datasheet HTML 8Page - STMicroelectronics STM32MP157FDK2 Datasheet HTML 9Page - STMicroelectronics STM32MP157FDK2 Datasheet HTML 10Page - STMicroelectronics STM32MP157FDK2 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Figure 6. X-STM32MP-NFC08 circuit schematics (5 of 6)
Antenna Circuit incl. EMI Filter and Matching
AAT_SERIES
RFI2
EXT_LM
RFO2
RFO1
AAT_SERIES
RFI1
AAT_PARALLEL
C32
680pF
J8
1
R32
100R
C31
56pF
C33
LXRW0YV600-054
2
1
ANTC1
ANT_NFC06
2
1
C39
10pF
R33
47K
C40
180pF
R29
2.4R
C36
56pF
J7
2-pin Male Header
1
2
L1
270n
D1
BAV70W
1
3
2
R31
2.4R
C26
180pF
C29
100pF
C34
680pF
C38
LXRW0YV600-054
2
1
J6
1
C30
82pF
C28
10pF
Q1
NX3008NBK
1
L2
270n
C37
100pF
C35
82pF
C27
LXRW0YV600-054
2
1
R30
0
ANT2
ANT1
ANT2
ANT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com