Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP157FDK2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32MP157FDK2
Description  STM32MP expansion board for NFC card reader
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP157FDK2 Datasheet(HTML) 1 Page - STMicroelectronics

  STM32MP157FDK2 Datasheet HTML 1Page - STMicroelectronics STM32MP157FDK2 Datasheet HTML 2Page - STMicroelectronics STM32MP157FDK2 Datasheet HTML 3Page - STMicroelectronics STM32MP157FDK2 Datasheet HTML 4Page - STMicroelectronics STM32MP157FDK2 Datasheet HTML 5Page - STMicroelectronics STM32MP157FDK2 Datasheet HTML 6Page - STMicroelectronics STM32MP157FDK2 Datasheet HTML 7Page - STMicroelectronics STM32MP157FDK2 Datasheet HTML 8Page - STMicroelectronics STM32MP157FDK2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Features
•
ST25R3916B NFC card reader IC
•
47 x 34 mm, four turns, 13.56 MHz inductive antenna etched on PCB and
associated tuning circuit
•
6 general purpose LEDs and 1 Key for user interface
•
EEPROM for automatic GPIO setup and driver setup
•
Compatible with STM32MP157F-DK2, STM32MP135F-DK & Raspberry Pi’s
GPIO connector
Description
Then X-STM32MP-NFC08 is an NFC card reader evaluation board having an NFC
card reader IC. It includes an antenna etched on the PCB and associated tuning
circuit, general-purpose LEDs, and switches.
It embeds the ST25R3916B NFC card reader IC, which is a high-performance NFC
universal device supporting NFC initiator, NFC target, NFC reader, and NFC card
emulation modes.
The ST25R3916B device includes an advanced analog front end (AFE) and a highly
integrated data framing system for: ISO 18092 passive and active initiator, ISO
18092 passive and active target, NFC-A/B (ISO 14443A/B) reader including higher
bit rates, NFC-F (FeliCa™) reader, NFC-V (ISO 15693) reader up to 53 kbps, and
NFC-A / NFC-F card emulation.
The X-STM32MP-NFC08 interfaces with the STM32MP microprocessor via 40-pin
GPIO connector pins using SPI, I²C, and GPIO connections for various components.
It is compatible with STM32MP157F-DK2, STM32MP135F-DK & Raspberry Pi’s
GPIO connector layout.
Product summary
STM32MP
expansion board for
NFC card reader
X-STM32MP-
NFC08
NFC reader for
payment, consumer
and industrial
ST25R3916B
Discovery kit with
STM32MP157F
MPU
STM32MP157F-
DK2
Discovery kit with
STM32MP135F
MPU
STM32MP135F-
DK
Applications
NFC / RFID
STM32MP expansion board for NFC card reader
X-STM32MP-NFC08
Data brief
DB5134 - Rev 1 - November 2023
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STM32MP157FDK2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32MP157FDK2 STMICROELECTRONICS-STM32MP157FDK2 Datasheet
2Mb / 12P
GNSS and inertial sensors expansion board for STM32 MPU
31-Oct-2023
More results

Similar Description - STM32MP157FDK2

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3911 AMSCO-AS3911 Datasheet
1Mb / 149P
NFC Initiator / HF Reader IC
AS3911B AMSCO-AS3911B Datasheet
1Mb / 155P
NFC Initiator / HF Reader IC
logo
STMicroelectronics
UM1793 STMICROELECTRONICS-UM1793 Datasheet
401Kb / 9P
Dynamic NFC tag expansion board based on M24SR for STM32 Nucleo
31-Oct-2014
X-NUCLEO-NFC02A1 STMICROELECTRONICS-X-NUCLEO-NFC02A1 Datasheet
311Kb / 10P
Dynamic NFC tag IC expansion board based on M24LR04E for STM32 Nucleo
June 2016 Rev 4
X-NUCLEO-NFC03A1 STMICROELECTRONICS-X-NUCLEO-NFC03A1 Datasheet
329Kb / 7P
NFC card reader expansion board based on CR95HF for STM32 Nucleo
June 2016 Rev 4
X-NUCLEO-NFC01A1 STMICROELECTRONICS-X-NUCLEO-NFC01A1 Datasheet
197Kb / 3P
Dynamic NFC tag expansion board based on M24SR for STM32 Nucleo
19-Jun-2014
X-NUCLEO-NFC05A1 STMICROELECTRONICS-X-NUCLEO-NFC05A1 Datasheet
760Kb / 11P
NFC card reader expansion board based on ST25R3911B for STM32 and STM8 Nucleos
Feb-2019
ST25R3916B STMICROELECTRONICS-ST25R3916B Datasheet
2Mb / 165P
NFC reader for payment, consumer and industrial applications
15-Mar-2023
logo
Renesas Technology Corp
PTX105R RENESAS-PTX105R Datasheet
529Kb / 10P
PTX105R NFC Reader IC
June 2022
logo
Sony Corporation
RC-S620 SONY-RC-S620 Datasheet
627Kb / 2P
Embedded NFC Reader Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com